Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJE13009 Datasheet (PDF) - Unisonic Technologies

MJE13009 Datasheet PDF - Unisonic Technologies
Part # MJE13009
Download  MJE13009 Download
File Size   185.79 Kbytes
Page   8 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description SWITCHMODE SERIES NPN SWITCHMODE SERIES NPN TRANSISTORS

MJE13009 Datasheet (PDF)

Go To PDF Page Download Datasheet
MJE13009 Datasheet PDF - Unisonic Technologies

Part # MJE13009
Download  MJE13009 Click to download

File Size   185.79 Kbytes
Page   8 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description SWITCHMODE SERIES NPN SWITCHMODE SERIES NPN TRANSISTORS

MJE13009 Datasheet (HTML) - Unisonic Technologies


MJE13009 Product details

DESCRIPTION
The MJE13009 is designed for high–voltage, high–speed power switching inductive circuits where fall time is critical. They are particularly suited for 115 and 220 V switch mode applications such as Switching Regulators, Inverters, Motor Controls, Solenoid/Relay drivers and Deflection circuits.

FEATURES
* VCEO 400 V and 300 V
* Reverse Bias SOA with Inductive Loads @ TC = 100℃
* Inductive Switching Matrix 3 ~ 12 Amp, 25 and 100℃ tc @ 8 A, 100℃ is 120 ns (Typ). 
* 700 V Blocking Capability
* SOA and Switching Applications Information.




Similar Part No. - MJE13009

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJE13009 MOSPEC-MJE13009 Datasheet
179Kb / 4P
POWER TRANSISTORS(12A,300-400V,100W)
logo
Motorola, Inc
MJE13009 MOTOROLA-MJE13009 Datasheet
451Kb / 10P
12 AMPERE NPN SILICON POWER TRANSISTOR 400 VOLTS 100 WATTS
logo
ON Semiconductor
MJE13009 ONSEMI-MJE13009 Datasheet
451Kb / 10P
NPN SILICON POWER TRANSISTOR
REV 2
logo
STMicroelectronics
MJE13009 STMICROELECTRONICS-MJE13009 Datasheet
78Kb / 6P
SILICON NPN SWITCHING TRANSISTOR
Sep-1997
logo
ON Semiconductor
MJE13009 ONSEMI-MJE13009 Datasheet
148Kb / 10P
12 AMPERE NPN SILICON POWER TRANSISTOR 400 VOLTS ??100 WATTS
February, 2006 ??Rev. 7
More results


Similar Description - MJE13009

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N6738 BOCA-2N6738 Datasheet
153Kb / 3P
SWITCHMODE SERIES NPN POWER TRANSISTORS
BUX84 BOCA-BUX84 Datasheet
109Kb / 2P
SWITCHMODE SERIES NPN POWER TRANSISTORS
logo
ON Semiconductor
2N6547 ONSEMI-2N6547 Datasheet
77Kb / 8P
SWITCHMODE Series NPN Silicon Power Transistors
April, 2001 ??Rev. 6
logo
Unisonic Technologies
2SC4242 UTC-2SC4242 Datasheet
145Kb / 4P
SWITCHMODE SERIES NPN POWER TRANSISTORS
logo
Tiger Electronic Co.,Lt...
MJE13003 TGS-MJE13003 Datasheet
84Kb / 1P
SWITCHMODE Series NPN Silicon Power Transistors
logo
New Jersey Semi-Conduct...
MJE13004 NJSEMI-MJE13004 Datasheet
121Kb / 3P
SWITCHMODE SERIES NPN POWER TRANSISTORS
2SC2335 NJSEMI-2SC2335 Datasheet
83Kb / 2P
SWITCHMODE SERIES NPN POWER TRANSISTORS
logo
Unisonic Technologies
2SC4242 UTC-2SC4242_15 Datasheet
145Kb / 4P
SWITCHMODE SERIES NPN POWER TRANSISTORS
logo
Mospec Semiconductor
2SC2335 MOSPEC-2SC2335 Datasheet
135Kb / 3P
SWITCHMODE SERIES NPN POWER TRANSISTORS
MJ13332 MOSPEC-MJ13332 Datasheet
83Kb / 2P
SWITCHMODE SERIES NPN SILICON TRANSISTORS
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com