Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJE13009 Datasheet (PDF) - Motorola, Inc

MJE13009 Datasheet PDF - Motorola, Inc
Part # MJE13009
Download  MJE13009 Download
File Size   451.31 Kbytes
Page   10 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 12 AMPERE NPN SILICON POWER TRANSISTOR 400 VOLTS 100 WATTS

MJE13009 Datasheet (PDF)

Go To PDF Page Download Datasheet
MJE13009 Datasheet PDF - Motorola, Inc

Part # MJE13009
Download  MJE13009 Click to download

File Size   451.31 Kbytes
Page   10 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 12 AMPERE NPN SILICON POWER TRANSISTOR 400 VOLTS 100 WATTS

MJE13009 Datasheet (HTML) - Motorola, Inc


MJE13009 Product details

SWITCHMODE Series NPN Silicon Power Transistors

The MJE13009 is designed for high–voltage, high–speed power switching inductive circuits where fall time is critical. They are particularly suited for 115 and 220 V switchmode applications such as Switching Regulators, Inverters, Motor Controls, Solenoid/Relay drivers and Deflection circuits. SPECIFICATION FEATURES:

• VCEO(sus) 400 V and 300 V
• Reverse Bias SOA with Inductive Loads @ TC = 100°C
• Inductive Switching Matrix 3 to 12 Amp, 25 and 100°C
   . . . tc @ 8 A, 100°C is 120 ns (Typ).
• 700 V Blocking Capability
• SOA and Switching Applications Information.




Similar Part No. - MJE13009

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJE13009 MOSPEC-MJE13009 Datasheet
179Kb / 4P
POWER TRANSISTORS(12A,300-400V,100W)
logo
ON Semiconductor
MJE13009 ONSEMI-MJE13009 Datasheet
451Kb / 10P
NPN SILICON POWER TRANSISTOR
REV 2
logo
STMicroelectronics
MJE13009 STMICROELECTRONICS-MJE13009 Datasheet
78Kb / 6P
SILICON NPN SWITCHING TRANSISTOR
Sep-1997
logo
ON Semiconductor
MJE13009 ONSEMI-MJE13009 Datasheet
148Kb / 10P
12 AMPERE NPN SILICON POWER TRANSISTOR 400 VOLTS ??100 WATTS
February, 2006 ??Rev. 7
logo
Unisonic Technologies
MJE13009 UTC-MJE13009 Datasheet
185Kb / 8P
SWITCHMODE SERIES NPN SWITCHMODE SERIES NPN TRANSISTORS
More results


Similar Description - MJE13009

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
2N5989 MOTOROLA-2N5989 Datasheet
257Kb / 4P
12 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 40,60,80 VOLTS 100 WATTS
BU323A MOTOROLA-BU323A Datasheet
239Kb / 6P
16 AMPERE PEAK POWER TRANSISTOR DARLINGTON NPN SILICON 400 VOLTS 175 WATTS
MJ10005 MOTOROLA-MJ10005 Datasheet
229Kb / 8P
20 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 400 VOLTS 175 WATTS
MJ10007 MOTOROLA-MJ10007 Datasheet
228Kb / 8P
10 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 400 VOLTS 150 WATTS
MJ13333 MOTOROLA-MJ13333 Datasheet
278Kb / 8P
20 AMPERE NPN SILICON POWER TRANSISTORS 400-500 VOLTS 175 WATTS
MJ802 MOTOROLA-MJ802 Datasheet
136Kb / 4P
30 AMPERE POWER TRANSISTOR NPN SILICON 100 VOLTS 200 WATTS
MJD47 MOTOROLA-MJD47 Datasheet
184Kb / 6P
NPN SILICON POWER TRANSISTORS 1 AMPERE 250, 400 VOLTS 15 WATTS
MJE13005 MOTOROLA-MJE13005 Datasheet
311Kb / 8P
4 AMPERE NPN SILICON POWER TRANSISTOR 400 VOLTS 75 WATTS
logo
ON Semiconductor
MJE13005 ONSEMI-MJE13005_06 Datasheet
105Kb / 7P
4 AMPERE NPN SILICON POWER TRANSISTOR 400 VOLTS ??75 WATTS
February, 2006 ??Rev. 7
MJE13009 ONSEMI-MJE13009_06 Datasheet
148Kb / 10P
12 AMPERE NPN SILICON POWER TRANSISTOR 400 VOLTS ??100 WATTS
February, 2006 ??Rev. 7
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com