Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6N90 Datasheet (PDF) - Unisonic Technologies

6N90 Datasheet PDF - Unisonic Technologies
Part # 6N90
Download  6N90 Download
File Size   180.79 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 6.2 Amps, 900 Volts N-CHANNEL POWER MOSFET

6N90 Datasheet (PDF)

Go To PDF Page Download Datasheet
6N90 Datasheet PDF - Unisonic Technologies

Part # 6N90
Download  6N90 Click to download

File Size   180.79 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 6.2 Amps, 900 Volts N-CHANNEL POWER MOSFET

6N90 Datasheet (HTML) - Unisonic Technologies


6N90 Product details

DESCRIPTION
The UTC 6N90 is an N-channel enhancement mode Power FET using UTC’s advanced technology to provide costumers with planar stripe and DMOS technology. This technology allows a minimum
on-state resistance and superior switching performance. It also can withstand high energy pulse in the avalanche and commutation mode. The UTC6N90 is generally applied in high efficiency switch
mode power supplies.

FEATURES
* 6.2A, 900V, RDS(on)= 2.3Ω@VGS= 10 V
* Fast switching
* 100% avalanche tested
* Improved dv/dt capability
* Halogen Free




Similar Part No. - 6N90

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
6N90 UTC-6N90 Datasheet
203Kb / 5P
6.2A, 900V N-CHANNEL POWER MOSFET
logo
Nell Semiconductor Co.,...
6N90 NELLSEMI-6N90 Datasheet
403Kb / 8P
N-Channel Power MOSFET
logo
Fairchild Semiconductor
6N90C FAIRCHILD-6N90C Datasheet
789Kb / 9P
900V N-Channel MOSFET
logo
Unisonic Technologies
6N90G-T2Q-T UTC-6N90G-T2Q-T Datasheet
283Kb / 8P
N-CHANNEL POWER MOSFET
6N90G-TA3-T UTC-6N90G-TA3-T Datasheet
203Kb / 5P
6.2A, 900V N-CHANNEL POWER MOSFET
More results


Similar Description - 6N90

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
1N90 UTC-1N90 Datasheet
164Kb / 6P
1 Amps, 900 Volts N-CHANNEL POWER MOSFET
2N90 UTC-2N90 Datasheet
186Kb / 6P
2 Amps, 900 Volts N-CHANNEL POWER MOSFET
3N90 UTC-3N90 Datasheet
223Kb / 6P
3 Amps, 900 Volts N-CHANNEL POWER MOSFET
5N90 UTC-5N90 Datasheet
171Kb / 6P
5 Amps, 900 Volts N-CHANNEL POWER MOSFET
6N60 UTC-6N60_10 Datasheet
249Kb / 6P
6.2 Amps, 600/650 Volts N-CHANNEL MOSFET
8N90 UTC-8N90 Datasheet
163Kb / 5P
8 Amps, 900 Volts N-CHANNEL POWER MOSFET
10N90 UTC-10N90 Datasheet
194Kb / 6P
10 Amps, 900 Volts N-CHANNEL POWER MOSFET
11N90 UTC-11N90 Datasheet
199Kb / 6P
11 Amps, 900 Volts N-CHANNEL POWER MOSFET
4N90 UTC-4N90_11 Datasheet
184Kb / 6P
4 Amps, 900 Volts N-CHANNEL POWER MOSFET
3N90Z UTC-3N90Z Datasheet
185Kb / 6P
3 Amps, 900 Volts N-CHANNEL POWER MOSFET
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com