Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

11N90 Datasheet (PDF) - Unisonic Technologies

11N90 Datasheet PDF - Unisonic Technologies
Part # 11N90
Download  11N90 Download
File Size   199.59 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 11 Amps, 900 Volts N-CHANNEL POWER MOSFET

11N90 Datasheet (PDF)

Go To PDF Page Download Datasheet
11N90 Datasheet PDF - Unisonic Technologies

Part # 11N90
Download  11N90 Click to download

File Size   199.59 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 11 Amps, 900 Volts N-CHANNEL POWER MOSFET

11N90 Datasheet (HTML) - Unisonic Technologies


11N90 Product details

DESCRIPTION

The UTC 11N90 is an N-channel enhancement mode Power FET using UTC’s advanced technology to provide costomers with planar stripe and DMOS technology. This technology specializes in allowing a minimum on-state resistance and superior switching performance. It also can withstand high energy pulse in the avalanche and commutation mode. The UTC 11N90 is universally applied in high efficiency switch

mode power supply,



FEATURES

* 11A, 900V, RDS(on) = 1.1Ω @VGS = 10 V

* High switching speed

* Improved dv/dt capability

* 100% avalanche tested

* Halogen Free




Similar Part No. - 11N90

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
11N90 ISC-11N90 Datasheet
54Kb / 2P
Fast Switching
11N90-220 ISC-11N90-220 Datasheet
201Kb / 2P
N-Channel MOSFET Transistor
11N90-TO-3 ISC-11N90-TO-3 Datasheet
162Kb / 2P
N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
11N90C FAIRCHILD-11N90C Datasheet
823Kb / 8P
900V N-Channel MOSFET
11N90C FAIRCHILD-11N90C Datasheet
817Kb / 9P
900V N-Channel MOSFET
More results


Similar Description - 11N90

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
1N90 UTC-1N90 Datasheet
164Kb / 6P
1 Amps, 900 Volts N-CHANNEL POWER MOSFET
2N90 UTC-2N90 Datasheet
186Kb / 6P
2 Amps, 900 Volts N-CHANNEL POWER MOSFET
3N90 UTC-3N90 Datasheet
223Kb / 6P
3 Amps, 900 Volts N-CHANNEL POWER MOSFET
4N90 UTC-4N90 Datasheet
165Kb / 6P
4 Amps, 900 Volts N-CHANNEL MOSFET
5N90 UTC-5N90 Datasheet
171Kb / 6P
5 Amps, 900 Volts N-CHANNEL POWER MOSFET
6N90 UTC-6N90 Datasheet
180Kb / 6P
6.2 Amps, 900 Volts N-CHANNEL POWER MOSFET
8N90 UTC-8N90 Datasheet
163Kb / 5P
8 Amps, 900 Volts N-CHANNEL POWER MOSFET
10N90 UTC-10N90 Datasheet
194Kb / 6P
10 Amps, 900 Volts N-CHANNEL POWER MOSFET
4N90 UTC-4N90_11 Datasheet
184Kb / 6P
4 Amps, 900 Volts N-CHANNEL POWER MOSFET
3N90Z UTC-3N90Z Datasheet
185Kb / 6P
3 Amps, 900 Volts N-CHANNEL POWER MOSFET
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com