Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DL-3120S Datasheet (PDF) - Optoway Technology Inc

DL-3120S Datasheet PDF - Optoway Technology Inc
Part # DL-3120S
Download  DL-3120S Download
File Size   119.12 Kbytes
Page   3 Pages
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc
Description 1310 nm DFB LASER DIODES

DL-3120S Datasheet (PDF)

Go To PDF Page Download Datasheet
DL-3120S Datasheet PDF - Optoway Technology Inc

Part # DL-3120S
Download  DL-3120S Click to download

File Size   119.12 Kbytes
Page   3 Pages
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc
Description 1310 nm DFB LASER DIODES

DL-3120S Datasheet (HTML) - Optoway Technology Inc




Similar Part No. - DL-3120S

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
DL-3120S OPTOWAY-DL-3120S Datasheet
110Kb / 2P
1310 nm DFB LASER DIODES MQW-DFB LASER DIODES
DL-3120S OPTOWAY-DL-3120S Datasheet
111Kb / 2P
1310 nm DFB LASER DIODES 2.5 Gb/s MQW-DFB LASER DIODES
More results


Similar Description - DL-3120S

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
DL-3100 OPTOWAY-DL-3100 Datasheet
110Kb / 2P
1310 nm DFB LASER DIODES MQW-DFB LASER DIODES
DL-3100S OPTOWAY-DL-3100S Datasheet
111Kb / 2P
1310 nm DFB LASER DIODES 2.5 Gb/s MQW-DFB LASER DIODES
DL-5100 OPTOWAY-DL-5100 Datasheet
112Kb / 2P
1550 nm DFB LASER DIODES MQW-DFB LASER DIODES
logo
Emcore Corporation
1612A-079-FC-04 EMCORE-1612A-079-FC-04 Datasheet
167Kb / 6P
1310 nm DFB Laser Module
1614-SC-WW-02 EMCORE-1614-SC-WW-02 Datasheet
229Kb / 6P
1310 nm DFB Laser Module
logo
Optoway Technology Inc
DL-5100 OPTOWAY-DL-5100_07 Datasheet
120Kb / 3P
1550 nm DFB LASER DIODES MQW-DFB LASER DIODES
DL-5100-1650 OPTOWAY-DL-5100-1650_07 Datasheet
113Kb / 3P
1650 nm DFB LASER DIODES MQW-DFB LASER DIODES
logo
Emcore Corporation
1612A-079-FC-04 EMCORE-1612A-079-FC-04_12 Datasheet
607Kb / 6P
1310 nm DFB Laser Module
1688 EMCORE-1688 Datasheet
753Kb / 5P
1688 1310 nm DFB Laser Module
G1033-020 EMCORE-G1033-020 Datasheet
485Kb / 3P
1310 nm GPON DFB Laser Chip
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com