Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL431 Datasheet (PDF) - Unisonic Technologies

LL431 Datasheet PDF - Unisonic Technologies
Part # LL431
Download  LL431 Download
File Size   177.4 Kbytes
Page   5 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description PROGRAMMABLE PRECISION REFERENCE

LL431 Datasheet (PDF)

Go To PDF Page Download Datasheet
LL431 Datasheet PDF - Unisonic Technologies

Part # LL431
Download  LL431 Click to download

File Size   177.4 Kbytes
Page   5 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description PROGRAMMABLE PRECISION REFERENCE

LL431 Datasheet (HTML) - Unisonic Technologies


LL431 Product details

DESCRIPTION
The UTC LL431 is a three-terminal adjustable regulator with a guaranteed thermal stability over applicable temperature ranges. The output voltage may be set to any value between VREF (approximately 2.5V) and 36 V with two external resistors. It can be used in provides very wide applications including shunt regulator, series regulator, switching regulator, voltage reference and others.

FEATURES
* Programmable output Voltage to 36V.
* Low dynamic output impedance 0.2Ω.
* Sink current capability of 1.0 to 100mA.
* Equivalent full-range temperature coefficient of 50ppm/ °C typical for operation over full rated operating temperature range.




Similar Part No. - LL431

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LL431 UTC-LL431 Datasheet
221Kb / 5P
PROGRAMMABLE PRECISION REFERENCE
LL431 UTC-LL431 Datasheet
251Kb / 5P
PROGRAMMABLE PRECISION REFERENCE
LL431G-AB3-R UTC-LL431G-AB3-R Datasheet
221Kb / 5P
PROGRAMMABLE PRECISION REFERENCE
LL431G-AB3-R UTC-LL431G-AB3-R Datasheet
251Kb / 5P
PROGRAMMABLE PRECISION REFERENCE
LL431G-AE2-R UTC-LL431G-AE2-R Datasheet
251Kb / 5P
PROGRAMMABLE PRECISION REFERENCE
More results


Similar Description - LL431

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL431_102 TI-TL431_102 Datasheet
1Mb / 76P
PRECISION PROGRAMMABLE REFERENCE
logo
Weitron Technology
WT431LT1 WEITRON-WT431LT1 Datasheet
591Kb / 5P
PROGRAMMABLE PRECISION REFERENCE
logo
Unisonic Technologies
TL431L UTC-TL431L_11 Datasheet
231Kb / 6P
PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431 TI1-TL1431_12 Datasheet
812Kb / 27P
PRECISION PROGRAMMABLE REFERENCE
TL1431M TI-TL1431M_15 Datasheet
1Mb / 32P
PRECISION PROGRAMMABLE REFERENCE
TL1431-Q1 TI-TL1431-Q1_15 Datasheet
232Kb / 19P
PRECISION PROGRAMMABLE REFERENCE
logo
Unisonic Technologies
TL431H UTC-TL431H Datasheet
197Kb / 6P
PROGRAMMABLE PRECISION REFERENCE
logo
Hangzhou Youwang Electr...
UTC431 YOUWANG-UTC431 Datasheet
97Kb / 4P
PROGRAMMABLE PRECISION REFERENCE
logo
Dongguan Pingjingsemi T...
TL432 PJSEMI-TL432 Datasheet
1Mb / 4P
Programmable Precision Reference
logo
Shanghai Leiditech Elec...
LR431ATLT1G LEIDITECH-LR431ATLT1G Datasheet
831Kb / 5P
PROGRAMMABLE PRECISION REFERENCE
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com