Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL431 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # LL431
Description  PROGRAMMABLE PRECISION REFERENCE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LL431 Datasheet(HTML) 4 Page - Unisonic Technologies

  LL431 Datasheet HTML 1Page - Unisonic Technologies LL431 Datasheet HTML 2Page - Unisonic Technologies LL431 Datasheet HTML 3Page - Unisonic Technologies LL431 Datasheet HTML 4Page - Unisonic Technologies LL431 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
LL431
LINEAR INTEGRATED CIRCUIT
U
NISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R121-020,B
■
TYPICAL CHARACTERISTICS
-1
1
02
3
-200
0
400
200
600
800
-2
Cathode Voltage (V)
0
-5
-10
-15
-20
-25
-30
-35
-40
0
1
23
456
7
0
1
2
3
4
5
6
7
Time (μs)
Pulse Response
Ta=25°C
IKA=100mA
Ta=25°C
Ta=25°C
VKA=VREF
Change in Reference Input Voltage vs.
Cathode Voltage
Cathode Current vs. Cathode Voltage
IKA(MIN)
-50
0
5
10
15
20
25
30
35
40
-2
-1
0
1
2
3
-100
-75
-50
-25
0
25
50
75
100
125
Cathode Voltage (V)
Cathode Current vs. Cathode Voltage
150
Ta=25°C
VKA=VREF
-1
-1
Cathode Voltage (V)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com