Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0070 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MASWSS0070 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MASWSS0070
Download  MASWSS0070 Download
File Size   126.91 Kbytes
Page   5 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description GaAs Broadband SPDT Switch

MASWSS0070 Datasheet (PDF)

Go To PDF Page Download Datasheet
MASWSS0070 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MASWSS0070
Download  MASWSS0070 Click to download

File Size   126.91 Kbytes
Page   5 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description GaAs Broadband SPDT Switch

MASWSS0070 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MASWSS0070 Product details

Description
The MASWSS0070 is a broadband GaAs pHEMT MMIC SPDT switch available in a low cost 3 mm 12- lead PQFN package. The MASWSS0070 is ideally suited for applications where very small size and low cost are required.

Features
• 802.11a + b/g Dual Band Applications
• Broadband Performance: DC - 6.0 GHz
• Low Insertion Loss: 0.75 dB @ 5.8 GHz
• High Isolation: 22 dB @ 5.8 GHz
• Low Cost 3 mm 12-Lead PQFN Package
• Fast Switching Speed: 0.5 µm GaAs PHEMT




Similar Part No. - MASWSS0070

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0070 MACOM-MASWSS0070 Datasheet
119Kb / 4P
GaAs Broadband SPDT Switch DC - 6.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0070 MA-COM-MASWSS0070 Datasheet
105Kb / 5P
GaAs Broadband SPDT Switch DC - 6.0 GHz
logo
Tyco Electronics
MASWSS0070SMB MACOM-MASWSS0070SMB Datasheet
119Kb / 4P
GaAs Broadband SPDT Switch DC - 6.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0070SMB MA-COM-MASWSS0070SMB Datasheet
105Kb / 5P
GaAs Broadband SPDT Switch DC - 6.0 GHz
logo
Tyco Electronics
MASWSS0070TR MACOM-MASWSS0070TR Datasheet
119Kb / 4P
GaAs Broadband SPDT Switch DC - 6.0 GHz
More results


Similar Description - MASWSS0070

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0202 MACOM-MASWSS0202 Datasheet
218Kb / 4P
GaAs Broadband SPDT Switch DC - 6.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0202 MA-COM-MASWSS0202 Datasheet
103Kb / 4P
GaAs Broadband SPDT Switch DC - 6.0 GHz
MASWSS0070 MA-COM-MASWSS0070 Datasheet
105Kb / 5P
GaAs Broadband SPDT Switch DC - 6.0 GHz
MASWSS0202 MA-COM-MASWSS0202 Datasheet
103Kb / 4P
GaAs Broadband SPDT Switch DC - 6.0 GHz
MASW-007107 MA-COM-MASW-007107 Datasheet
157Kb / 4P
GaAs Broadband SPDT Switch
MASW-007588 MA-COM-MASW-007588 Datasheet
73Kb / 3P
GaAs Broadband SPDT Switch
MASWSS0093 MA-COM-MASWSS0093_15 Datasheet
82Kb / 3P
GaAs Broadband SPDT Switch
MASW-007588 MA-COM-MASW-007588_15 Datasheet
550Kb / 4P
GaAs Broadband SPDT Switch
MASW-007107 MA-COM-MASW-007107_15 Datasheet
718Kb / 6P
GaAs Broadband SPDT Switch
MASWSS0202 MA-COM-MASWSS0202_15 Datasheet
664Kb / 5P
GaAs Broadband SPDT Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com