Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0070 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0070
Description  GaAs Broadband SPDT Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0070 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0070 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0070 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0070 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASWSS0070 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASWSS0070 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
GaAs Broadband SPDT Switch
DC - 6.0 GHz
Rev. V5
MASWSS0070
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Evaluation Board
Application Schematic
VC1
GND
GND
VC1
RF1
RF2
RFC
C1
C2
C3
VC2
GND
GND
GND
GND
GND
VC1
GND
GND
VC1
RF1
RF2
RFC
C1
C2
C3
VC2
GND
GND
GND
GND
GND
Truth Table
8
Control V1
Control V2
RFC– RF1 RFC—RF2
1
0
On
Off
0
1
Off
On
8. 1 = +2.9 V to +5 V, 0 = 0 V + 0.2 V.
Application #1
: Optimized for 802.11a (5-6 GHz)
Application #2
: Optimized for 802.11b/g (2.4 GHz)
Qty
Description
3
Capacitor, 3.0 pF, 0402, SMT, 5% (C1-C3)
Qty
Description
3
Capacitor, 8.0 pF, 0402, SMT, 5% (C1-C3)
6. Exceeding any one or combination of these limits may cause
permanent damage to this device.
7. M/A-COM Technology Solutions does not recommend sus-
tained operation near these survivability limits.
Absolute Maximum Ratings
6,7
Parameter
Absolute Maximum
Input Power @ 3 V Control
+32 dBm
Input Power @ 5 V Control
+34 dBm
Operating Voltage
+8.5 volts
Operating Temperature
-40
°C to +85°C
Storage Temperature
-65°C to +150
°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com