Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MD-156 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MD-156 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MD-156
Download  MD-156 Download
File Size   71.86 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Flatpack Double-Balanced Mixer,

MD-156 Datasheet (PDF)

Go To PDF Page Download Datasheet
MD-156 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MD-156
Download  MD-156 Click to download

File Size   71.86 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Flatpack Double-Balanced Mixer,

MD-156 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MD-156 Product details

Description
Transformers convert the LO and RF paths to balanced lines connecting to a low barrier, Schottky diode ring quad. These transformers help provide excellent isolation between ports. Conversion Loss is low. The direct connection of the IF port to the diode quad allows these mixers to be used as phase detectors and bi-phase modulators.

Features
• Noise Figure: 6.5 Typical
• LO-RF Isolation: 30 dB Typical
• Impedance: 50 Ohms Nominal
• Maximum Input Power: 300 mW max. @ 25°C,
   Derated linearly to 85°C @ 3.2 mW/°C
• IF Port Current: 50 mA Max.
• MIL-STD-883 Screening Available




Similar Part No. - MD-156

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MD-156 MACOM-MD-156 Datasheet
191Kb / 2P
Flatpack Double-Balanced Mixer, 0.6 - 3 GHz
logo
M/A-COM Technology Solu...
MD-156 MA-COM-MD-156 Datasheet
63Kb / 3P
Flatpack Double-Balanced Mixer, 0.6 - 3 GHz
logo
Tyco Electronics
MD-156PIN MACOM-MD-156PIN Datasheet
191Kb / 2P
Flatpack Double-Balanced Mixer, 0.6 - 3 GHz
More results


Similar Description - MD-156

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MD-156 MACOM-MD-156 Datasheet
191Kb / 2P
Flatpack Double-Balanced Mixer, 0.6 - 3 GHz
logo
List of Unclassifed Man...
DBM-182 ETC1-DBM-182 Datasheet
118Kb / 2P
LOW LEVEL SUBVINIATURE FLATPACK DOUBLE BALANCED MIXER 600~2000 MHz
SGM-2-17 ETC1-SGM-2-17 Datasheet
253Kb / 4P
DOUBLE-BALANCED MIXER DOUBLE-BALANCED MIXER
logo
Tyco Electronics
M2B MACOM-M2B Datasheet
331Kb / 3P
Double-Balanced Mixer
M6D-50 MACOM-M6D-50_1 Datasheet
222Kb / 3P
Double-Balanced Mixer
M6R MACOM-M6R Datasheet
187Kb / 3P
Double-Balanced Mixer
logo
M/A-COM Technology Solu...
MD-156 MA-COM-MD-156 Datasheet
63Kb / 3P
Flatpack Double-Balanced Mixer, 0.6 - 3 GHz
logo
RF Micro Devices
DBM-143 RFMD-DBM-143 Datasheet
347Kb / 4P
Subminiature Flatpack Double Balanced Mixer 10MHz to 1500MHz
DBM-183 RFMD-DBM-183 Datasheet
568Kb / 4P
High Level Subminiature Flatpack Double Balanced Mixer 10MHz to 4000MHz
DBM-184 RFMD-DBM-184 Datasheet
450Kb / 4P
Subminiature Flatpack Double Balanced Mixer 2MHz to 3000MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com