Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MD-156 Datasheet (PDF) - Tyco Electronics

MD-156 Datasheet PDF - Tyco Electronics
Part # MD-156
Download  MD-156 Download
File Size   191.95 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Flatpack Double-Balanced Mixer, 0.6 - 3 GHz

MD-156 Datasheet (PDF)

Go To PDF Page Download Datasheet
MD-156 Datasheet PDF - Tyco Electronics

Part # MD-156
Download  MD-156 Click to download

File Size   191.95 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Flatpack Double-Balanced Mixer, 0.6 - 3 GHz

MD-156 Datasheet (HTML) - Tyco Electronics


MD-156 Product details

Description
Transformers convert to the LO and RF paths to balanced lines connecting a low barrier, Schottky diode ring quad. These transformers help provide excellent isolation between ports. Conversion loss is low. The direct connection of the IF port to the diode quad allows these mixers to be used as phase detectors and bi-phase modulators.

Features
■ Noise Figure: 6.5 Typical
■ LO-RF Isolation: 30 dB Typical
■ Impedance: 50 Ohms Nominal
■ Maximum Input Power: 300 mW max. @ 25°C, Derated to 85°C @ 3.2 mW/°C
■ IF Port Current: 50 mA Max.
■ MIL-STD-883 Screening Available




Similar Part No. - MD-156

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MD-156 MA-COM-MD-156 Datasheet
63Kb / 3P
Flatpack Double-Balanced Mixer, 0.6 - 3 GHz
MD-156 MA-COM-MD-156 Datasheet
71Kb / 3P
Flatpack Double-Balanced Mixer,
MD-156_V4 MA-COM-MD-156_V4 Datasheet
71Kb / 3P
Flatpack Double-Balanced Mixer,
More results


Similar Description - MD-156

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U2795B TEMIC-U2795B Datasheet
350Kb / 13P
2.5-GHz Double Balanced Mixer
logo
ATMEL Corporation
U2795B ATMEL-U2795B Datasheet
457Kb / 14P
2.5-GHz Double balanced Mixer
logo
List of Unclassifed Man...
SGM-2-17 ETC1-SGM-2-17 Datasheet
253Kb / 4P
DOUBLE-BALANCED MIXER DOUBLE-BALANCED MIXER
logo
Tyco Electronics
MD-123 MACOM-MD-123 Datasheet
167Kb / 3P
Double-Balanced Mixer, 10Mhz - 3 GHz
logo
M/A-COM Technology Solu...
MD-123 MA-COM-MD-123 Datasheet
100Kb / 3P
Double-Balanced Mixer, 10 MHz - 3 GHz
MD-156 MA-COM-MD-156 Datasheet
63Kb / 3P
Flatpack Double-Balanced Mixer, 0.6 - 3 GHz
MD-156_V4 MA-COM-MD-156_V4 Datasheet
71Kb / 3P
Flatpack Double-Balanced Mixer,
logo
Hittite Microwave Corpo...
HMC412MS8G HITTITE-HMC412MS8G_10 Datasheet
498Kb / 6P
DOUBLE-BALANCED MIXER, 9 - 15 GHz
logo
RF Micro Devices
DBM-143 RFMD-DBM-143 Datasheet
347Kb / 4P
Subminiature Flatpack Double Balanced Mixer 10MHz to 1500MHz
DBM-184 RFMD-DBM-184 Datasheet
450Kb / 4P
Subminiature Flatpack Double Balanced Mixer 2MHz to 3000MHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com