Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MD-123 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MD-123 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MD-123
Download  MD-123 Download
File Size   100.95 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Double-Balanced Mixer, 10 MHz - 3 GHz

MD-123 Datasheet (PDF)

Go To PDF Page Download Datasheet
MD-123 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MD-123
Download  MD-123 Click to download

File Size   100.95 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Double-Balanced Mixer, 10 MHz - 3 GHz

MD-123 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MD-123 Product details

Description
Transformers convert the LO and RF paths to balanced lines connecting to a low barrier, Schottky diode ring quad. These transformers help provide excellent isolation between ports.

Features
• Usable to 4 GHz
• Impedance: 50 Ohms Nominal
• Maximum Input Power: 600 mW max. @ 25°C, Derated linearly to 85°C @ 3.2 mW/°C
• IF Port Current: 50 mA Max.
• MIL-STD Screening Available




Similar Part No. - MD-123

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MD-123 MACOM-MD-123 Datasheet
167Kb / 3P
Double-Balanced Mixer, 10Mhz - 3 GHz
logo
M/A-COM Technology Solu...
MD-123 MA-COM-MD-123 Datasheet
100Kb / 3P
Double-Balanced Mixer
logo
Tyco Electronics
MD-123PIN MACOM-MD-123PIN Datasheet
167Kb / 3P
Double-Balanced Mixer, 10Mhz - 3 GHz
logo
M/A-COM Technology Solu...
MD-123 MA-COM-MD-123_15 Datasheet
100Kb / 3P
Double-Balanced Mixer
More results


Similar Description - MD-123

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MD-156 MACOM-MD-156 Datasheet
191Kb / 2P
Flatpack Double-Balanced Mixer, 0.6 - 3 GHz
MD20-0017-S MACOM-MD20-0017-S Datasheet
16Kb / 1P
Double Balanced Mixer 10 - 3000 MHz
MDS-148 MACOM-MDS-148 Datasheet
217Kb / 3P
Double-Balanced Mixer, 10 - 1500 MHz
MDS-149 MACOM-MDS-149 Datasheet
217Kb / 3P
Double-Balanced Mixer, 10 - 1500 MHz
logo
List of Unclassifed Man...
SGM-2-17 ETC1-SGM-2-17 Datasheet
253Kb / 4P
DOUBLE-BALANCED MIXER DOUBLE-BALANCED MIXER
logo
Tyco Electronics
MD-M149 MACOM-MD-M149 Datasheet
134Kb / 3P
Double-Balanced Mixer, 10 - 1500 MHz
MD-123 MACOM-MD-123 Datasheet
167Kb / 3P
Double-Balanced Mixer, 10Mhz - 3 GHz
logo
M/A-COM Technology Solu...
MD-156 MA-COM-MD-156 Datasheet
63Kb / 3P
Flatpack Double-Balanced Mixer, 0.6 - 3 GHz
MD-148 MA-COM-MD-148 Datasheet
60Kb / 3P
Double-Balanced Mixer, 10 - 1500 MHz
MD-149 MA-COM-MD-149 Datasheet
75Kb / 3P
Double-Balanced Mixer, 10 - 1500 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com