Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-439TR Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

SW-439TR Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # SW-439TR
Download  SW-439TR Download
File Size   97.03 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description GaAs High Isolation Switch

SW-439TR Datasheet (PDF)

Go To PDF Page Download Datasheet
SW-439TR Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # SW-439TR
Download  SW-439TR Click to download

File Size   97.03 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description GaAs High Isolation Switch

SW-439TR Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


SW-439TR Product details

Description
The SW-439 is a GaAs MMIC SPDT switch in a low cost MSOP-10 surface mount plastic package. This part is ideal for high isolation, broadband switching requirements. Typical applications include synthesizer switching, transmit/ receive switching, switch matrices and filter banks in systems such as radio and cellular equipment, PCM, GPS, and fiber optic modules.

Features
• Low Power Consumption: < 15 µA @ +2.5V
• High Isolation: 50 dB Typical @ 2 GHz
• Low Insertion Loss: 0.7 dB @ 2 GHz
• Positive 2.5 to 5 V Control
• Low Cost Plastic MSOP-10 Package




Similar Part No. - SW-439TR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-439TR MACOM-SW-439TR Datasheet
99Kb / 2P
GaAs High Isolation Switch DC - 3.0 GHz
logo
M/A-COM Technology Solu...
SW-439TR MA-COM-SW-439TR Datasheet
77Kb / 3P
GaAs High Isolation Switch DC - 3.0 GHz
More results


Similar Description - SW-439TR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-394 MACOM-SW-394 Datasheet
36Kb / 2P
GaAs SPDT High Isolation Terminated Switch
SW-439 MACOM-SW-439 Datasheet
99Kb / 2P
GaAs High Isolation Switch DC - 3.0 GHz
MASWSS0169 MACOM-MASWSS0169 Datasheet
180Kb / 3P
GaAs High Isolation Switch DC - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0169 MA-COM-MASWSS0169 Datasheet
78Kb / 3P
GaAs High Isolation Switch DC - 3.0 GHz
SW-439 MA-COM-SW-439 Datasheet
77Kb / 3P
GaAs High Isolation Switch DC - 3.0 GHz
MASWSS0169_V3 MA-COM-MASWSS0169_V3 Datasheet
101Kb / 3P
GaAs High Isolation Switch
MASWSS0148 MA-COM-MASWSS0148 Datasheet
130Kb / 4P
GaAs SPST High Isolation Terminated Switch
MASWSS0169-V3 MA-COM-MASWSS0169-V3 Datasheet
101Kb / 3P
GaAs High Isolation Switch DC - 3.0 GHz
MASWSS0148 MA-COM-MASWSS0148_15 Datasheet
624Kb / 5P
GaAs SPST High Isolation Terminated Switch
MASWSS0169 MA-COM-MASWSS0169_15 Datasheet
573Kb / 4P
GaAs High Isolation Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com