Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-439TR Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # SW-439TR
Description  GaAs High Isolation Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SW-439TR Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  SW-439TR Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SW-439TR Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. SW-439TR Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
GaAs High Isolation Switch
DC - 3.0 GHz
Rev. V4
SW-439
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: TA = 25°C, VC = 0 / 3 V, Z0 = 50Ω
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss
DC - 1.0 GHz
1.0 - 2.0 GHz
2.0 - 3.0 GHz
dB
dB
dB
—
—
—
0.55
0.65
0.80
0.65
0.75
0.90
Isolation
DC - 2.0 GHz
2.0 - 3.0 GHz
dB
dB
45
31
47
33
—
—
VSWR
0.25 - 3.0 GHz
Ratio
—
1.2:1
1.3:1
P1dB
500 MHz - 2.0 GHz, VC = 2.5 V
dBm
—
20
—
P1dB
500 MHz - 2.0 GHz, VC = 5 V
dBm
—
28
—
IP2
2 Tone, 900 MHz, 5 MHz Spacing, VC = 3 V
dBm
—
85
—
IP3
2 Tone, 900 MHz, 5 MHz Spacing, VC = 3 V
dBm
—
50
—
Ton, Toff
50% Control to 90% RF, 50% Control to 10% RF
nS
—
20
—
Trise, Tfall
10% to 90% RF, 90% to 10% RF
nS
—
10
—
Transients
In-band
mV
—
15
—
Control Current
|VC| = 2.5 V
µA
—
5
15
MSOP-10
†
†
Meets JEDEC moisture sensitivity level 1 requirements.
Plating is 100% matte tin over copper.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com