Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-456 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

SW-456 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # SW-456
Download  SW-456 Download
File Size   83.53 Kbytes
Page   4 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description GaAs SPDT Switch

SW-456 Datasheet (PDF)

Go To PDF Page Download Datasheet
SW-456 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # SW-456
Download  SW-456 Click to download

File Size   83.53 Kbytes
Page   4 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description GaAs SPDT Switch

SW-456 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


SW-456 Product details

Description
M/A-COM’s SW-456 is a GaAs monolithic switch in a low cost SC-70 (SOT-363) surface mount plastic package. The SW-456 is ideally suited for applications where very low power consumption, low insertion loss, very small size and low cost are required. Typical applications are in dual band systems where switching between small signal components is required, i.e. filter banks, single-band LNA’s, converters, etc. The SW-456 can be used in applications up to 0.25 watts in systems such as cellular, PCS, DCS1800, GSM, CDMA, W-CDMA and other analog/digital wireless communication systems.

Features
• Low Cost Plastic: SC-70 (SOT-363) Package
• Low Insertion Loss: < 0.3 dB @ 900 MHz
• Low Power Consumption: < 15 µA @ -2.3 Volts
• Positive or Negative 2.3 to 8 Volt Control




Similar Part No. - SW-456

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-456 MACOM-SW-456 Datasheet
405Kb / 4P
GaAs SPDT Switch DC - 3.0 GHz
logo
M/A-COM Technology Solu...
SW-456 MA-COM-SW-456 Datasheet
83Kb / 4P
GaAs SPDT Switch DC - 3.0 GHz
logo
List of Unclassifed Man...
SW-456 ETC1-SW-456 Datasheet
35Kb / 2P
Split Bobbin-Printed Circuit Transformers Single & Dual Primaries
logo
Tyco Electronics
SW-456PIN MACOM-SW-456PIN Datasheet
405Kb / 4P
GaAs SPDT Switch DC - 3.0 GHz
SW-456SMB MACOM-SW-456SMB Datasheet
405Kb / 4P
GaAs SPDT Switch DC - 3.0 GHz
More results


Similar Description - SW-456

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-008322_V3 MA-COM-MASW-008322_V3 Datasheet
164Kb / 4P
GaAs SPDT Switch
MASW4030G MA-COM-MASW4030G Datasheet
75Kb / 4P
GaAs SPDT Switch
MASW-007221 MA-COM-MASW-007221 Datasheet
78Kb / 3P
GaAs SPDT Switch
MASW-008075 MA-COM-MASW-008075 Datasheet
105Kb / 3P
GaAs SPDT Switch
MASW-008322-V3 MA-COM-MASW-008322-V3 Datasheet
164Kb / 4P
GaAs SPDT Switch
MASW-008899 MA-COM-MASW-008899 Datasheet
148Kb / 4P
GaAs SPDT Switch
MASW-008322 MA-COM-MASW-008322 Datasheet
633Kb / 5P
GaAs SPDT Switch
MASWSS0136 MA-COM-MASWSS0136_15 Datasheet
596Kb / 4P
GaAs SPDT Switch
MASWSS0157 MA-COM-MASWSS0157_15 Datasheet
615Kb / 5P
GaAs SPDT Switch
MASWSS0176 MA-COM-MASWSS0176_15 Datasheet
639Kb / 4P
GaAs SPDT Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com