Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBE802 Datasheet (PDF) - Sanyo Semicon Device

SBE802 Datasheet PDF - Sanyo Semicon Device
Part # SBE802
Download  SBE802 Download
File Size   25.71 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 100V, 400mA Rectifier

SBE802 Datasheet (PDF)

Go To PDF Page Download Datasheet
SBE802 Datasheet PDF - Sanyo Semicon Device

Part # SBE802
Download  SBE802 Click to download

File Size   25.71 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 100V, 400mA Rectifier

SBE802 Datasheet (HTML) - Sanyo Semicon Device


SBE802 Product details

100V, 400mA Rectifier

Features
• Low forward voltage (VF max=0.7V).
• Fast reverse recovery time (trr max=10ns).
• Low switching noise.
• Low leakage current and high reliability due to highly reliable planar structure.

Applications
• High frequency rectification (switching regulators, converters, and choppers).




Similar Part No. - SBE802

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SBE803 SANYO-SBE803 Datasheet
36Kb / 3P
90V, 200mA Rectifier
SBE805 SANYO-SBE805 Datasheet
37Kb / 3P
30V, 500mA Rectifier
logo
ON Semiconductor
SBE805 ONSEMI-SBE805 Datasheet
323Kb / 6P
Schottky Barrier Diode 30V, 0.5A, Low IR, Non-Monolithic Dual CPH5 Common Cathode
September, 2013
SBE805 ONSEMI-SBE805 Datasheet
143Kb / 5P
Schottky Barrier Diode 30 V, 0.5 A, Low IR
February, 2024 - Rev. 1
SBE805-S-TL-E ONSEMI-SBE805-S-TL-E Datasheet
323Kb / 6P
Schottky Barrier Diode 30V, 0.5A, Low IR, Non-Monolithic Dual CPH5 Common Cathode
September, 2013
More results


Similar Description - SBE802

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVR1300 IRF-PVR1300 Datasheet
90Kb / 6P
BOSFET PHOTOVOLTAIC RELAY DUAL - POLE 400MA 0-100V AC/DC
logo
Sanyo Semicon Device
SB80W10T SANYO-SB80W10T Datasheet
270Kb / 3P
100V, 8A Rectifier
SB80W10T SANYO-SB80W10T_12 Datasheet
439Kb / 7P
100V, 8A Rectifier
logo
GETAI ELECTRONICS DEVIC...
ESJC50F15 GETEDZ-ESJC50F15_16 Datasheet
476Kb / 2P
400mA 15kV 100nS--High voltage silicon rectifier diode
CL03-08 GETEDZ-CL03-08_17 Datasheet
533Kb / 2P
400mA 8kV 100nS--High voltage silicon rectifier diode
HV500F15 GETEDZ-HV500F15_17 Datasheet
507Kb / 2P
400mA 15kV 100nS--High voltage silicon rectifier diode
logo
PFC Device Inc.
SR3100H PFC-SR3100H Datasheet
559Kb / 5P
3A 100V Schottky Rectifier
SR5100H PFC-SR5100H Datasheet
559Kb / 5P
5A 100V Schottky Rectifier
logo
Silicon Supplies
MURC1510 SS-MURC1510 Datasheet
1Mb / 4P
100V 15A 35ns Rectifier
Rev 1.0 27/12/22
1N4002 SS-1N4002 Datasheet
283Kb / 2P
100V 1A Standard Rectifier
Rev 1.0 25/08/23
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com