Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXGA12N120A2 Datasheet (PDF) - IXYS Corporation

IXGA12N120A2 Datasheet PDF - IXYS Corporation
Part # IXGA12N120A2
Download  IXGA12N120A2 Download
File Size   584.73 Kbytes
Page   5 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description IGBT Optimized for switching up to 5KHz

IXGA12N120A2 Datasheet (PDF)

Go To PDF Page Download Datasheet
IXGA12N120A2 Datasheet PDF - IXYS Corporation

Part # IXGA12N120A2
Download  IXGA12N120A2 Click to download

File Size   584.73 Kbytes
Page   5 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description IGBT Optimized for switching up to 5KHz

IXGA12N120A2 Datasheet (HTML) - IXYS Corporation




Similar Part No. - IXGA12N120A2

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGA12N120A3 IXYS-IXGA12N120A3 Datasheet
207Kb / 5P
GenX3 1200V IGBTs
More results


Similar Description - IXGA12N120A2

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGH60N60B2 IXYS-IXGH60N60B2 Datasheet
579Kb / 5P
Optimized for 10-25 kHz hard switching and up to 100 KHz resonant switching
IXGA14N120B IXYS-IXGA14N120B Datasheet
156Kb / 5P
IGBT Optimized for switching up to 35 KHz
logo
Infineon Technologies A...
IKD03N60RF INFINEON-IKD03N60RF Datasheet
886Kb / 16P
?쏳C-D Fast?? RC-Drives IGBT optimized for high switching frequency
July 2012
logo
IXYS Corporation
IXGN400N30A3 IXYS-IXGN400N30A3 Datasheet
174Kb / 2P
Ultra-Low-Vsat PT IGBT for up to 10kHz Switching
IXGN200N60A2 IXYS-IXGN200N60A2 Datasheet
558Kb / 5P
Optimized for Switching
IXGP30N60B2 IXYS-IXGP30N60B2 Datasheet
554Kb / 5P
Optimized for 10-25 KHz hard switching and up to 150 KHz resonant switching
IXGA28N60A3 IXYS-IXGA28N60A3 Datasheet
259Kb / 6P
Ultra Low Vsat PT IGBT for up to 5kHz Switching
IXGN72N60A3 IXYS-IXGN72N60A3 Datasheet
190Kb / 6P
Ultra Low Vsat PT IGBT for up to 5kHz switching
IXGN80N60A2 IXYS-IXGN80N60A2 Datasheet
530Kb / 2P
Optimized for Switching up to 5 kHz
IXYH120N65A5 IXYS-IXYH120N65A5 Datasheet
1Mb / 7P
Extreme Light Punch Through IGBT for up to 10kHz Switching
7/21
More results




About IXYS Corporation


IXYS Corporation is a technology company that specializes in the design, manufacture, and sale of power semiconductors and integrated circuits (ICs). The company was founded in 1983 and is headquartered in Milpitas, California. IXYS has a global presence, with operations and customers in over 60 countries around the world.

IXYS provides a wide range of products and solutions, including power MOSFETs, power bipolar transistors, thyristors, diodes, and ICs for power management and control applications. The company's products are used in a variety of applications, including renewable energy, industrial, automotive, and consumer electronics.

IXYS is known for its expertise in power semiconductor technology and its ability to provide high-performance and cost-effective solutions to its customers. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the power semiconductor market. IXYS is a recognized leader in the power semiconductor market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com