Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXGA28N60A3 Datasheet (PDF) - IXYS Corporation

IXGA28N60A3 Datasheet PDF - IXYS Corporation
Part # IXGA28N60A3
Download  IXGA28N60A3 Download
File Size   259.39 Kbytes
Page   6 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description Ultra Low Vsat PT IGBT for up to 5kHz Switching

IXGA28N60A3 Datasheet (PDF)

Go To PDF Page Download Datasheet
IXGA28N60A3 Datasheet PDF - IXYS Corporation

Part # IXGA28N60A3
Download  IXGA28N60A3 Click to download

File Size   259.39 Kbytes
Page   6 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description Ultra Low Vsat PT IGBT for up to 5kHz Switching

IXGA28N60A3 Datasheet (HTML) - IXYS Corporation




Similar Part No. - IXGA28N60A3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGA20N100 IXYS-IXGA20N100 Datasheet
111Kb / 2P
IGBT
IXGA20N120 IXYS-IXGA20N120 Datasheet
78Kb / 2P
IGBT
IXGA20N120A3 IXYS-IXGA20N120A3 Datasheet
241Kb / 6P
GenX3 1200V IGBTs
IXGA20N120B3 IXYS-IXGA20N120B3 Datasheet
218Kb / 6P
GenX3 1200V IGBT
IXGA20N60B IXYS-IXGA20N60B Datasheet
85Kb / 4P
HiPerFASTTM IGBT
More results


Similar Description - IXGA28N60A3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGA12N120A2 IXYS-IXGA12N120A2 Datasheet
584Kb / 5P
IGBT Optimized for switching up to 5KHz
IXGN400N30A3 IXYS-IXGN400N30A3 Datasheet
174Kb / 2P
Ultra-Low-Vsat PT IGBT for up to 10kHz Switching
MMIX1G120N120A3V1 IXYS-MMIX1G120N120A3V1 Datasheet
253Kb / 7P
Ultra-Low-Vsat PT IGBT for 3kHz Switching
MMIX1G320N60B3 IXYS-MMIX1G320N60B3 Datasheet
250Kb / 7P
Medium-Speed Low-Vsat PT IGBT for 5-40 kHz Switching
IXGR55N120A3H1 IXYS-IXGR55N120A3H1 Datasheet
101Kb / 2P
Ultra-Low-Vsat PT IGBTs for up to 3kHz Switching
IXGH50N60B4D1 IXYS-IXGH50N60B4D1 Datasheet
205Kb / 7P
Low-Vsat PT Trench IGBTs
IXGN72N60A3 IXYS-IXGN72N60A3 Datasheet
190Kb / 6P
Ultra Low Vsat PT IGBT for up to 5kHz switching
IXGN82N120B3H1 IXYS-IXGN82N120B3H1 Datasheet
197Kb / 6P
High-Speed Low-Vsat PT IGBT for 3-20 kHz Switching
IXGN400N60B3 IXYS-IXGN400N60B3 Datasheet
181Kb / 6P
Medium-Speed Low-Vsat PT IGBT for 5-40 kHz Switching
logo
Inchange Semiconductor ...
IXYN110N120A4 ISC-IXYN110N120A4 Datasheet
527Kb / 3P
Ultra Low-Vsat IGBT
More results




About IXYS Corporation


IXYS Corporation is a technology company that specializes in the design, manufacture, and sale of power semiconductors and integrated circuits (ICs). The company was founded in 1983 and is headquartered in Milpitas, California. IXYS has a global presence, with operations and customers in over 60 countries around the world.

IXYS provides a wide range of products and solutions, including power MOSFETs, power bipolar transistors, thyristors, diodes, and ICs for power management and control applications. The company's products are used in a variety of applications, including renewable energy, industrial, automotive, and consumer electronics.

IXYS is known for its expertise in power semiconductor technology and its ability to provide high-performance and cost-effective solutions to its customers. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the power semiconductor market. IXYS is a recognized leader in the power semiconductor market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com