Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK400-040 Datasheet (PDF) - Sanyo Semicon Device

STK400-040 Datasheet PDF - Sanyo Semicon Device
Part # STK400-040
Download  STK400-040 Download
File Size   403.44 Kbytes
Page   10 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 3-Channel AF Power Amplifier (Split Power Supply) (15 W 15 W 15 W min, THD = 0.4 %)

STK400-040 Datasheet (PDF)

Go To PDF Page Download Datasheet
STK400-040 Datasheet PDF - Sanyo Semicon Device

Part # STK400-040
Download  STK400-040 Click to download

File Size   403.44 Kbytes
Page   10 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 3-Channel AF Power Amplifier (Split Power Supply) (15 W 15 W 15 W min, THD = 0.4 %)

STK400-040 Datasheet (HTML) - Sanyo Semicon Device


STK400-040 Product details

Overview
The STK400-030 is a 3-channel AF power amplifier IC supporting multichannel speakers. One package includes 20W×3ch for Lch, Rch and Cch. It is pin compatible with both 3-channel output devices (STK400-*00 series) and 2-channel output devices (STK401-*00 series). The output load impedance is 6/3Ω.

Features
• New series combining 3-channel output devices (STK400-*00 series) and 2-channel output devices (STK401-*00 series) with the same pin compatibility.
• Output load impedance is 6/3Ω.
• Pin assignment is grouped into individual blocks of inputs, outputs and supply lines, minimizing the adverse effects of pattern layout on operating characteristics.
• Minimum number of external components required.




Similar Part No. - STK400-040

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK400-040 SANYO-STK400-040 Datasheet
184Kb / 7P
3ch AF Power Amplifier(Split Power Supply) 10W10W10W,THD=0.4%
STK400-040 SANYO-STK400-040 Datasheet
183Kb / 6P
AF Power Amplifier (Split Power Supply) (20W20W20W, THD = 0.4%)
STK400-040 SANYO-STK400-040 Datasheet
334Kb / 9P
AF Power Amplifier (Split Power Supply) (25 W 25 W 25 W min, THD = 0.4%)
STK400-040 SANYO-STK400-040 Datasheet
532Kb / 9P
AF Power Amplifier (Split Power Supply) (30 W 30 W 30 W min, THD = 0.4%)
STK400-040 SANYO-STK400-040 Datasheet
186Kb / 6P
AF Power Amplifier (Split Power Supply) (35 W 35 W 35 W min, THD = 0.4%)?
More results


Similar Description - STK400-040

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK401-020 SANYO-STK401-020 Datasheet
464Kb / 9P
AF Power Amplifier (Split Power Supply) (15 W 15 W min, THD = 0.4%)
STK401-030 SANYO-STK401-030 Datasheet
257Kb / 8P
AF Power Amplifier (Split Power Supply) (20 W 20 W min, THD = 0.4%)?
STK401-040 SANYO-STK401-040 Datasheet
259Kb / 8P
AF Power Amplifier (Split Power Supply) (25 W 25 W min, THD = 0.4%)?
STK401-070 SANYO-STK401-070 Datasheet
258Kb / 9P
AF Power Amplifier (Split Power Supply) (40 W 40 W min, THD = 0.4%)?
STK401-080 SANYO-STK401-080 Datasheet
256Kb / 9P
AF Power Amplifier (Split Power Supply) (45 W 45 W min, THD = 0.4%)???
STK401-090 SANYO-STK401-090 Datasheet
516Kb / 9P
AF Power Amplifier (Split Power Supply) (50 W 50 W min, THD = 0.4%)
STK401-110 SANYO-STK401-110 Datasheet
243Kb / 8P
AF Power Amplifier (Split Power Supply) (70 W 70 W min, THD = 0.4%)?
STK401-120 SANYO-STK401-120 Datasheet
245Kb / 8P
AF Power Amplifier (Split Power Supply) (80 W 80 W min, THD = 0.4%)?
STK401-220 SANYO-STK401-220 Datasheet
186Kb / 7P
2ch AF Power Amplifier (Split Power Supply) 15 W 15 W, THD = 0.08%??????
STK4121V SANYO-STK4121V Datasheet
59Kb / 3P
AF Power Amplifier (Split Power Supply) (15 W 15 W min, THD = 0.08 %)
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com