Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX16903 Datasheet (PDF) - Maxim Integrated Products

MAX16903 Datasheet PDF - Maxim Integrated Products
Part # MAX16903
Download  MAX16903 Download
File Size   996.5 Kbytes
Page   13 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 2.1MHz, High-Voltage, 1A Mini-Buck Converter Thermal Shutdown Protection

MAX16903 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX16903 Datasheet PDF - Maxim Integrated Products

Part # MAX16903
Download  MAX16903 Click to download

File Size   996.5 Kbytes
Page   13 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 2.1MHz, High-Voltage, 1A Mini-Buck Converter Thermal Shutdown Protection

MAX16903 Datasheet (HTML) - Maxim Integrated Products


MAX16903 Product details

General Description
The MAX16903 is a small, synchronous buck converter with integrated high-side and low-side switches. The device is designed to deliver 1A with input voltages from +3.5V to +28V, while using only 25μA quiescent current at no load. Voltage quality can be monitored by observing the PGOOD signal. The MAX16903 can operate in dropout by running at 97% duty cycle, making it ideal for automotive and industrial applications.

Benefits and Features
● Meets Stringent Automotive Quality and Reliability Requirements
    • +3.5V to +28V Input Voltage Range Allows Operation in “Cold Crank” Conditions
    • Tolerates Input-Voltage Transients to +42V
    • Enable-Pin Compatible from +3.3V Logic Level to +42V
    • 1A Minimum Output Current with Overcurrent Protection
    • -40°C to +125°C Automotive Temperature Range
    • AEC-Q100 Qualified
● Increased Efficiency and Reduced BOM Cost and Board Space
    • Integrated High- and Low-Side FETs
    • Fixed Output Voltages (see the Selector Guide and Contact the Factory for All Available Trimmed Output-Voltage Options)
    • 10-Pin TDFN-EP or 16-Pin TSSOP-EP Packages
● Low Quiescent Current Helps Designers Meet Stringent OEM Current Requirements
    • 25μA Quiescent Current During Skip Mode Operation
● High Switching Frequency Allows Use of Small, Low-Cost External Components
    • 2.1MHz Switching Frequency with Three Modes of Operation
    • Skip Mode for Efficient, Low-Power Operation
    • Forced Fixed-Frequency Operation
    • External Frequency Synchronization
● Reduced EMI Emissions at the Switching Frequency
    • Optional Spread-Spectrum Frequency Modulation

Applications
● Automotive
● Industrial
● High-Voltage Input-Power DC-DC Applications




Similar Part No. - MAX16903

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16903 MAXIM-MAX16903 Datasheet
719Kb / 15P
2.1MHz, High-Voltage, 1A Mini-Buck Converter
2017
MAX16903RATB__/V+ MAXIM-MAX16903RATB__/V+ Datasheet
719Kb / 15P
2.1MHz, High-Voltage, 1A Mini-Buck Converter
2017
MAX16903RAUE__/V+ MAXIM-MAX16903RAUE__/V+ Datasheet
719Kb / 15P
2.1MHz, High-Voltage, 1A Mini-Buck Converter
2017
MAX16903SATB__/V+ MAXIM-MAX16903SATB__/V+ Datasheet
719Kb / 15P
2.1MHz, High-Voltage, 1A Mini-Buck Converter
2017
MAX16903SAUE__/V+ MAXIM-MAX16903SAUE__/V+ Datasheet
719Kb / 15P
2.1MHz, High-Voltage, 1A Mini-Buck Converter
2017
More results


Similar Description - MAX16903

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16904 MAXIM-MAX16904 Datasheet
836Kb / 14P
2.1MHz, High-Voltage, 600mA Mini-Buck Converter Thermal Shutdown Protection
Rev 2; 3/11
MAX16904 MAXIM-MAX16904_12 Datasheet
482Kb / 14P
2.1MHz, High-Voltage, 600mA Mini-Buck Converter
Rev 4; 3/12
MAX16904_V5 MAXIM-MAX16904_V5 Datasheet
496Kb / 14P
2.1MHz, High-Voltage, 600mA Mini-Buck Converter
Rev 5; 6/12
MAX16904 MAXIM-MAX16904_13 Datasheet
533Kb / 15P
2.1MHz, High-Voltage, 600mA Mini-Buck Converter
Rev 6; 4/13
MAX16903 MAXIM-MAX16903_13 Datasheet
1Mb / 14P
2.1MHz, High-Voltage, 1A Mini-Buck Converter
Rev 4; 4/13
logo
Skyworks Solutions Inc.
AAT4685 SKYWORKS-AAT4685 Datasheet
1Mb / 17P
thermal shutdown protection
logo
Unisonic Technologies
LR1198G-AE5-X-R UTC-LR1198G-AE5-X-R Datasheet
170Kb / 4P
Thermal Shutdown Protection
logo
STMicroelectronics
A21SP16 STMICROELECTRONICS-A21SP16 Datasheet
862Kb / 37P
Thermal shutdown protection
06-Mar-2014
logo
Maxim Integrated Produc...
MAX16903 MAXIM-MAX16903_V01 Datasheet
719Kb / 15P
2.1MHz, High-Voltage, 1A Mini-Buck Converter
2017
MAX16904 MAXIM-MAX16904_V01 Datasheet
973Kb / 15P
2.1MHz, High-Voltage, 600mA Mini-Buck Converter
2018
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com