Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFT2010 Datasheet (PDF) - Solid States Devices, Inc

SFT2010 Datasheet PDF - Solid States Devices, Inc
Part # SFT2010
Download  SFT2010 Download
File Size   105.95 Kbytes
Page   2 Pages
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc
Description High Energy NPN Transistor

SFT2010 Datasheet (PDF)

Go To PDF Page Download Datasheet
SFT2010 Datasheet PDF - Solid States Devices, Inc

Part # SFT2010
Download  SFT2010 Click to download

File Size   105.95 Kbytes
Page   2 Pages
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc
Description High Energy NPN Transistor

SFT2010 Datasheet (HTML) - Solid States Devices, Inc


SFT2010 Product details

200 AMP 100 – 140 Volt High Energy NPN Transistor

Features:
• BVCBO= 250 V MIN
• 600 Watts Power Dissipation
• Excellent SOA Curve
• Es/b of 800mJ
• Gain of over 5 at 200A
• High Reliability Construction
• Planar Chip Construction with Low Leakage and Very Fast Switching
• TX, TXV, S-Level Screening Available2/-Consult Factory




Similar Part No. - SFT2010

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SFT2010 ETC-SFT2010 Datasheet
280Kb / 6P
HIGH ENERCY NPN TRANSISTOR
logo
Solid States Devices, I...
SFT2010 SSDI-SFT2010 Datasheet
106Kb / 2P
200 AMP 100-140 VOLTS NPN TRANSISTOR
SFT2010-3 SSDI-SFT2010-3 Datasheet
106Kb / 2P
200 AMP 100-140 VOLTS NPN TRANSISTOR
SFT2010/3 SSDI-SFT2010/3 Datasheet
106Kb / 2P
200 AMP 100-140 VOLTS NPN TRANSISTOR
More results


Similar Description - SFT2010

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ100BX100 MOTOROLA-MJ100BX100 Datasheet
220Kb / 4P
NPN SILICON POWER TRANSISTOR MODULE ENERGY MANAGEMENT SERIES
logo
Solid States Devices, I...
SFT6693 SSDI-SFT6693 Datasheet
193Kb / 2P
20 AMP HIGH VOLTAGE HIGH ENERGY NPN TRANSISTOR 400 VOLTS
SFT815 SSDI-SFT815 Datasheet
195Kb / 2P
HIGH ENERGY FAST SWITCHING NPN POWER TRANSISTOR 90 AMPS 300 V
SFT1010 SSDI-SFT1010 Datasheet
193Kb / 2P
100 amp HIGH ENERGY NPN TRANSISTORS
SPT6693 SSDI-SPT6693 Datasheet
172Kb / 3P
High Voltage ??High Energy NPN Transistor
X00134 SSDI-X00134 Datasheet
196Kb / 2P
HIGH ENERGY FAST SWITCHING NPN POWER TRANSISTOR 90 AMPS, 300 VOLT
X00135 SSDI-X00135 Datasheet
194Kb / 2P
HIGH ENERGY NPN TRANSISTORS
X00136 SSDI-X00136 Datasheet
199Kb / 2P
HIGH ENERGY NPN TRANSISTORS 350 VOLTS
TR0108A SSDI-TR0108A Datasheet
105Kb / 2P
High Energy NPN Transistor
TR0114A SSDI-TR0114A Datasheet
172Kb / 3P
High Voltage ??High Energy NPN Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com