Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFT2010 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SFT2010
Description  High Energy NPN Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SFT2010 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SFT2010 Datasheet HTML 1Page - Solid States Devices, Inc SFT2010 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Part Number / Ordering Information 1/
SFT __ __ __ __
│
│
│
│
└ Screening 2/ __ = No Screening
TX = TX Level
TXV = TXV Level
S = S Level
└ Lead Bend 3/ 4/ __ = Straight Leads
│
│
│
│
│
│
└ Package 3/ /3 = TO-3 0.060” pin
│
│
│
│
│
│
│
└ Voltage/Family 2010 = 100V
2012 = 120V
2014 = 140V
SFT2010 thru SFT2014
200 AMP
100 – 140 Volt
High Energy
NPN Transistor
Features:
•
BVCBO = 250 V MIN
•
600 Watts Power Dissipation
•
Excellent SOA Curve
•
Es/b of 800mJ
•
Gain of over 5 at 200A
•
High Reliability Construction
•
Planar Chip Construction with Low Leakage and
Very Fast Switching
•
TX, TXV, S-Level Screening Available
2/ -
Consult Factory
Maximum Ratings
Symbol
Value
Units
Collector – Emitter Voltage
SFT2010
SFT2012
SFT2014
VCEO
100
120
140
Volts
Collector – Base Voltage
VCBO
250
Volts
Emitter – Base Voltage
VEBO
8
Volts
Collector Current
IC
200
Amps
Base Current
IB
75
Amps
Total Device Dissipation
TC=50ºC
Derate above 50
ºC
PD
600
4
Watts
W/ ºC
Operating & Storage Temperature
TJ & TSTG
-65 to +200
ºC
Maximum Thermal Resistance
(Junction to Case)
R0JC
0.25
ºC/W
NOTES:
*Pulse Test: Pulse Width = 300µsec, Duty Cycle = 2%
1/ For Ordering Information, Price, and Availability Contact Factory.
2/ Screening per MIL-PRF-19500.
3/ For Package Outlines Contact Factory.
4/ Up and Down Bend Configurations are Available for ‘M’ (TO-254) Packages Only.
5/ Unless Otherwise Specified, All Electrical Characteristics @25ºC.
TO-3
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: TR0108A
DOC


Similar Part No. - SFT2010

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SFT2010 ETC-SFT2010 Datasheet
280Kb / 6P
HIGH ENERCY NPN TRANSISTOR
logo
Solid States Devices, I...
SFT2010 SSDI-SFT2010 Datasheet
106Kb / 2P
200 AMP 100-140 VOLTS NPN TRANSISTOR
SFT2010-3 SSDI-SFT2010-3 Datasheet
106Kb / 2P
200 AMP 100-140 VOLTS NPN TRANSISTOR
SFT2010/3 SSDI-SFT2010/3 Datasheet
106Kb / 2P
200 AMP 100-140 VOLTS NPN TRANSISTOR
More results

Similar Description - SFT2010

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ100BX100 MOTOROLA-MJ100BX100 Datasheet
220Kb / 4P
NPN SILICON POWER TRANSISTOR MODULE ENERGY MANAGEMENT SERIES
logo
Solid States Devices, I...
SFT6693 SSDI-SFT6693 Datasheet
193Kb / 2P
20 AMP HIGH VOLTAGE HIGH ENERGY NPN TRANSISTOR 400 VOLTS
SFT815 SSDI-SFT815 Datasheet
195Kb / 2P
HIGH ENERGY FAST SWITCHING NPN POWER TRANSISTOR 90 AMPS 300 V
SFT1010 SSDI-SFT1010 Datasheet
193Kb / 2P
100 amp HIGH ENERGY NPN TRANSISTORS
SPT6693 SSDI-SPT6693 Datasheet
172Kb / 3P
High Voltage ??High Energy NPN Transistor
X00134 SSDI-X00134 Datasheet
196Kb / 2P
HIGH ENERGY FAST SWITCHING NPN POWER TRANSISTOR 90 AMPS, 300 VOLT
X00135 SSDI-X00135 Datasheet
194Kb / 2P
HIGH ENERGY NPN TRANSISTORS
X00136 SSDI-X00136 Datasheet
199Kb / 2P
HIGH ENERGY NPN TRANSISTORS 350 VOLTS
TR0108A SSDI-TR0108A Datasheet
105Kb / 2P
High Energy NPN Transistor
TR0114A SSDI-TR0114A Datasheet
172Kb / 3P
High Voltage ??High Energy NPN Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com