Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK4067 Datasheet (PDF) - Sanyo Semicon Device

STK4067 Datasheet PDF - Sanyo Semicon Device
Part # STK4067
Download  STK4067 Download
File Size   582.89 Kbytes
Page   8 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description High-Output Power Amplifier for Car Stereos (Po = 60 W typ.)

STK4067 Datasheet (PDF)

Go To PDF Page Download Datasheet
STK4067 Datasheet PDF - Sanyo Semicon Device

Part # STK4067
Download  STK4067 Click to download

File Size   582.89 Kbytes
Page   8 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description High-Output Power Amplifier for Car Stereos (Po = 60 W typ.)

STK4067 Datasheet (HTML) - Sanyo Semicon Device


STK4067 Product details

Overview
Higher output amplification of the car stereo has been generally dependent on boosting voltage of the power supply. The STK4067 supports low-load impedance and is designed for up to 60 W of high output without the need for a power supply voltage booster circuit.

Features
• Superior heat sink capacity using IMST (insulated metal substrate technology)
• Designed for high output while supporting low-load impedance
   ① RL = 1Ω 60 W typ. (EIAJ) 100 W (max.)
   ➁ RL = 2Ω 40 W typ. (EIAJ) 70 W (max.)
   ③ RL = 4Ω 23 W typ. (EIAJ) 40 W (max.)
• Supports sufficient amplifier configurations for high power output
• Low-load impedance driver Supports independent or parallel speaker connections for low-load impedance driving.
• Low distortion
THD = 0.025% typ. (VCC = 13.2 V, RL = 2Ω, Po = 10 W, f = 1 kHz)
Compared with a monolithic IC, with a base frequency of 100 Hz, the following is established: secondary high frequency harmonics switches to –58 dB, with third-order switching to –20 dB, fourth-order to –45 dB, and fifth-order to –18 dB.
• High temperature operation
Provides guaranteed high output to the passenger compartments protected interior even when operating in excessive heat
• Compact heat sink mounting
Supports compact total-set packaging, occupying 1/3 the heat sink area compared of monolithic ICs, and equipped with an 85°C temperature range and 110°C guaranteed case temperature rating
• Low operating power supply voltage range (9 V to 16 V)
• Built-in muting circuit
Short attack time with muting quickly enabled
• Built-in protection circuits
Built-in thermal shutdown and overvoltage protector

Applications
• Power amplifier for car stereos
• Home karaoke systems
• Radio-cassette players




Similar Part No. - STK4067

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK4067 ETC1-STK4067 Datasheet
1Mb / 19P
Features of the IMST Hybird ICs
More results


Similar Description - STK4067

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3915B ROHM-BA3915B Datasheet
247Kb / 16P
System power supply for car stereos
BA3918 ROHM-BA3918 Datasheet
153Kb / 9P
System power supply for car stereos
BA4900 ROHM-BA4900 Datasheet
169Kb / 10P
System power supply for car stereos
logo
Sanyo Semicon Device
LA4422 SANYO-LA4422 Datasheet
429Kb / 10P
5.8W typ AF Power Amplifier for Car Stereos, Car Radios
LA4700N SANYO-LA4700N Datasheet
137Kb / 5P
2-Channel 12W AF Power Amplifier for Car Stereos
LA4705 SANYO-LA4705 Datasheet
258Kb / 8P
15 W 2-channel BTL AF Power Amplifier for Car Stereos
LA4708 SANYO-LA4708 Datasheet
204Kb / 9P
20 W 2-channel BTL AF Power Amplifier for Car Stereos
LA4725 SANYO-LA4725 Datasheet
44Kb / 3P
2-Channel BTL Power Amplifier 30 W30 W with Standby Switch for Car Stereos
LA4728 SANYO-LA4728 Datasheet
44Kb / 3P
2-Channel BTL Power Amplifier 35 W35 W with Standby Switch for Car Stereos
LA4741 SANYO-LA4741 Datasheet
110Kb / 3P
42W 4-Channel BTL Power Amplifier for Car Stereos
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com