Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB1550TL Datasheet (PDF) - Semikron International

SB1550TL Datasheet PDF - Semikron International
Part # SB1550TL
Download  SB1550TL Download
File Size   188.27 Kbytes
Page   3 Pages
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International
Description Schottky barrier rectifier diodes

SB1550TL Datasheet (PDF)

Go To PDF Page Download Datasheet
SB1550TL Datasheet PDF - Semikron International

Part # SB1550TL
Download  SB1550TL Click to download

File Size   188.27 Kbytes
Page   3 Pages
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International
Description Schottky barrier rectifier diodes

SB1550TL Datasheet (HTML) - Semikron International


SB1550TL Product details

Schottky barrier rectifier diodes

Forward Current: 15 A
Reverse Voltage: 20 to 100 V

Features
• Max. solder temperature: 260°C
• Plastic material has UL
   classification 94V-0
• Electrostatic discharge immunity
   test IEC 1000-4-2 (C=150 pF, R=150
   Ohm): voltage class 20 kV
  
Typical Applications*
• Designed as Bypass Diodes for Solar
   Panels, protection application




Similar Part No. - SB1550TL

ManufacturerPart #DatasheetDescription
logo
Semikron International
SB1550 SEMIKRON-SB1550 Datasheet
161Kb / 3P
Schottky barrier rectifier diodes
logo
Micro Commercial Compon...
SB1550 MCC-SB1550 Datasheet
485Kb / 3P
15 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Leshan Radio Company
SB1550 LRC-SB1550 Datasheet
356Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 35 to 100V Forward Current 15A
logo
Micro Commercial Compon...
SB1550 MCC-SB1550 Datasheet
310Kb / 3P
15 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
MAKO SEMICONDUCTOR CO.,...
SB1550L MAKOSEMI-SB1550L Datasheet
535Kb / 4P
High current capability, low forward voltage
More results


Similar Description - SB1550TL

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
1N5817 EIC-1N5817 Datasheet
16Kb / 2P
SCHOTTKY BARRIER RECTIFIER DIODES
SBT20 EIC-SBT20 Datasheet
28Kb / 2P
SCHOTTKY BARRIER RECTIFIER DIODES
logo
Unisonic Technologies
MBR1060C UTC-MBR1060C_08 Datasheet
106Kb / 2P
SCHOTTKY BARRIER RECTIFIER DIODES
logo
Diotec Semiconductor
SB520 DIOTEC-SB520_13 Datasheet
93Kb / 2P
Schottky Barrier Rectifier Diodes
SB1230 DIOTEC-SB1230 Datasheet
158Kb / 2P
Schottky Barrier Rectifier Diodes
SBX2020 DIOTEC-SBX2020_18 Datasheet
149Kb / 2P
Schottky Barrier Rectifier Diodes
SB1520 DIOTEC-SB1520_18 Datasheet
221Kb / 2P
Schottky Barrier Rectifier Diodes
logo
SUNMATE electronic Co.,...
MBRD340 SUNMATE-MBRD340 Datasheet
1Mb / 3P
SCHOTTKY BARRIER RECTIFIER DIODES
MBRD1040 SUNMATE-MBRD1040 Datasheet
1Mb / 3P
SCHOTTKY BARRIER RECTIFIER DIODES
MBRD2040 SUNMATE-MBRD2040 Datasheet
1Mb / 3P
SCHOTTKY BARRIER RECTIFIER DIODES
More results




About Semikron International


Semikron International GmbH is a German manufacturer of power electronics components, including diodes, thyristors, and power modules.

The company was founded in 1951 and has since become a leading supplier of power electronics solutions for applications in industries such as renewable energy, industrial automation, and electric vehicles, among others.

Semikron has a global presence with subsidiaries and sales offices in many countries around the world.

The company is known for its high-quality products and innovative solutions, and it has a strong reputation in the power electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com