Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB1550TL Datasheet(PDF) 1 Page - Semikron International

Part # SB1550TL
Description  Schottky barrier rectifier diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

SB1550TL Datasheet(HTML) 1 Page - Semikron International

  SB1550TL Datasheet HTML 1Page - Semikron International SB1550TL Datasheet HTML 2Page - Semikron International SB1550TL Datasheet HTML 3Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SB1520TL..SB15100TL
© by SEMIKRON
Rev. 2 – 21.01.2011
1
Axial Lead Diode
Diode
Schottky barrier rectifier
diodes
Forward Current: 15 A
Reverse Voltage: 20 to 100 V
SB1520TL..SB15100TL
Features
• Max. solder temperature: 260°C
• Plastic material has UL
classification 94V-0
• Electrostatic discharge immunity
test IEC 1000-4-2 (C=150 pF, R=150
Ohm): voltage class 20 kV
Typical Applications*
• Designed as Bypass Diodes for Solar
Panels, protection application
Mechanical Data
• Plastic case: 8 x 7,5 [mm]
• Weight approx.: 2 g
• Terminals: plated terminals solderable
per MIL-STD-750
• Mounting position: any
• Standard packaging: 500 pieces per
ammo or 1000 pieces per reel
Footnotes
1) IF = - A, IR = - A, IRR = - A
2)
IF = 5 A, Tj = 25 °C
3) IF = 15 A, Tj = 25 °C
4) Valid, if leads are kept at TA at a distance
of 0 mm from case
5) Max. junction temperature Tj ≤200 °C in
bypass mode / DC forward mode
6)
Thermal resistance from junction to lead/
terminal at distance 0 mm from case
Type
Repetitive
peak
reverse
voltage
VRRM
V
Surge peak
reverse
voltage
VRSM
V
Max.
reverse
recovery
time
trr1)
ns
Max.
forward
voltage
VF2)
V
Max.
forward
voltage
VF3)
V
SB 1520TL 20
20
-
0,43
0,52
SB 1530TL 30
30
-
0,43
0,52
SB 1540TL 40
40
-
0,43
0,52
SB 1545TL 45
45
-
0,43
0,52
SB 1550TL 50
50
-
0,6
-
SB 1560TL 60
60
-
0,6
-
SB 1590TL 90
90
-
0,74
-
SB 15100TL 100
100
-
0,74
-
Absolute Maximum Ratings
Symbol Conditions
Values
Unit
Ta = 25 °C, unless otherwise specified
IFAV
R-load, 4), Ta =50 °C
15
A
IFRM
f > 15 Hz, 4)
60
A
IFSM
half sinus-wave
Ta =25 °C
tp =10ms
350
A
tp =8.3 ms
A
i2t
Ta =25 °C
tp =10ms
613
A²s
tp =8.3 ms
A²s
Tj
Operating junction temperature
-50 ... +150
°C
Tj
DC forward (bypass) mode 5)
-50 ... +200
°C
Tstg
Storage temperature
-50 ... +175
°C
Characteristics
Symbol Conditions
min.
typ.
max.
Unit
Ta = 25 °C, unless otherwise specified
IR
Tj =25 °C, VR = VRRM
500
µA
IR
Tj =100 °C, VR = VRRM
25
mA
Cj
at 1 MHz and applied reverse voltage
of 4 V
-pF
ERSM
L= 60 mH, Tj = 25 °C, inductive load
switched off
-mJ
Rthja
4)
-K/W
RthjL
6)
1.8
K/W


Similar Part No. - SB1550TL

ManufacturerPart #DatasheetDescription
logo
Semikron International
SB1550 SEMIKRON-SB1550 Datasheet
161Kb / 3P
Schottky barrier rectifier diodes
logo
Micro Commercial Compon...
SB1550 MCC-SB1550 Datasheet
485Kb / 3P
15 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Leshan Radio Company
SB1550 LRC-SB1550 Datasheet
356Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 35 to 100V Forward Current 15A
logo
Micro Commercial Compon...
SB1550 MCC-SB1550 Datasheet
310Kb / 3P
15 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
MAKO SEMICONDUCTOR CO.,...
SB1550L MAKOSEMI-SB1550L Datasheet
535Kb / 4P
High current capability, low forward voltage
More results

Similar Description - SB1550TL

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
1N5817 EIC-1N5817 Datasheet
16Kb / 2P
SCHOTTKY BARRIER RECTIFIER DIODES
SBT20 EIC-SBT20 Datasheet
28Kb / 2P
SCHOTTKY BARRIER RECTIFIER DIODES
logo
Unisonic Technologies
MBR1060C UTC-MBR1060C_08 Datasheet
106Kb / 2P
SCHOTTKY BARRIER RECTIFIER DIODES
logo
Diotec Semiconductor
SB520 DIOTEC-SB520_13 Datasheet
93Kb / 2P
Schottky Barrier Rectifier Diodes
SB1230 DIOTEC-SB1230 Datasheet
158Kb / 2P
Schottky Barrier Rectifier Diodes
SBX2020 DIOTEC-SBX2020_18 Datasheet
149Kb / 2P
Schottky Barrier Rectifier Diodes
SB1520 DIOTEC-SB1520_18 Datasheet
221Kb / 2P
Schottky Barrier Rectifier Diodes
logo
SUNMATE electronic Co.,...
MBRD340 SUNMATE-MBRD340 Datasheet
1Mb / 3P
SCHOTTKY BARRIER RECTIFIER DIODES
MBRD1040 SUNMATE-MBRD1040 Datasheet
1Mb / 3P
SCHOTTKY BARRIER RECTIFIER DIODES
MBRD2040 SUNMATE-MBRD2040 Datasheet
1Mb / 3P
SCHOTTKY BARRIER RECTIFIER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com