Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK673-010 Datasheet (PDF) - Sanyo Semicon Device

STK673-010 Datasheet PDF - Sanyo Semicon Device
Part # STK673-010
Download  STK673-010 Download
File Size   336.71 Kbytes
Page   16 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 3-Phase Stepping Motor Driver(sine wave drive) Output Current 2.4A

STK673-010 Datasheet (PDF)

Go To PDF Page Download Datasheet
STK673-010 Datasheet PDF - Sanyo Semicon Device

Part # STK673-010
Download  STK673-010 Click to download

File Size   336.71 Kbytes
Page   16 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 3-Phase Stepping Motor Driver(sine wave drive) Output Current 2.4A

STK673-010 Datasheet (HTML) - Sanyo Semicon Device


STK673-010 Product details

Overview
STK673-010 is a 3-phase stepping motor driver hybrid IC with built-in microstep controller having a bipolar constant current PWM system, in which a power MOSFET is employed at an output stage.
It includes a 3-phase distributed controller for a 3-phase stepping motor to realize a simple configuration of the motor driver circuit.

Features
• Number of motor revolution can be controlled by the frequency of external clock input.
• 4 types of modes, i.e., 2, 2-3, W2-3 and 2W2-3-phase excitations, are available which can be selected based on rising of clock signals, by switching Highs and Lows of Mode A and Mode B terminals.
• Setting a Mode C terminal Low allows an excitation mode that is based on rising and falling of a clock signal. By setting the Mode C terminal Low, phases that are set only by Mode A and Mode B can be changed to other phases as follows without changing the number of motor revolution: 2-phase may be switched to 2-3-phase; 2-3-phase may be switched to W2-3-phase; and W2-3-phase may be switched to 2W2-3-phase.
• Phase is maintained even when the excitation mode is changed
• An MOI output terminal which outputs 1 pulse per 1 cycle of phase current.
• A CW/CCW terminal which switches the rotational direction.
• A Hold terminal which temporarily holds the motor in a state where the phase current is conducted.
• An Enable terminal which can forcibly turns OFF a MOSFET of a 6 output driving element in normal operation
• Schmitt inputs with built-in pull-up resistor (20 kΩ typ)
• Motor current can be set by changing the voltage of the Vref terminal (0.63V per 1A, dealing as much as 0 to 1/2VCC2 (4A)).
• The clock input for controlling the number of motor revolution lies in a range of 0 to 50kHz.
• Supply voltage: VCC1 = 16 to 30V, VCC2 = 5.0V±5%
• A built-in current detection resistor (0.227Ω)
• A motor current during revolution can deal with as high as 2.4A at Tc = 105°C and as high as 4A at Tc = 50°C or lower.

Applications
• As a 3-phase stepping motor driver for transmission and reception in a facsimile.
• As a 3-phase stepping motor driver for feeding paper feed or for an optical system in a copying machine.
• Industrial machines or products employing 3-phase stepping motor driving.




Similar Part No. - STK673-010

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK673-010-E SANYO-STK673-010-E Datasheet
112Kb / 15P
3-Phase Stepping Motor Driver Output Current 2.4A
logo
ON Semiconductor
STK673-010-E ONSEMI-STK673-010-E Datasheet
117Kb / 15P
3-Phase Stepping Motor Driver
June, 2013
More results


Similar Description - STK673-010

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK672-110 SANYO-STK672-110 Datasheet
134Kb / 9P
Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current: 1.8 A
STK672-080 SANYO-STK672-080 Datasheet
221Kb / 17P
Stepping Motor Driver (Sine Wave Drive) Output Current : 2.8 A (No Heat Sink)
STK672-120 SANYO-STK672-120 Datasheet
141Kb / 9P
Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current: 2.4 A
STK672-330 SANYO-STK672-330 Datasheet
90Kb / 11P
Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current: 1.8 A
STK673-010-E SANYO-STK673-010-E Datasheet
112Kb / 15P
3-Phase Stepping Motor Driver Output Current 2.4A
STK672-050-E SANYO-STK672-050-E Datasheet
206Kb / 19P
Stepping Motor Driver (sine wave drive) Output Current 3.0A (no heat sink*)
logo
ON Semiconductor
STK672-210-E ONSEMI-STK672-210-E Datasheet
98Kb / 10P
Two-Phase Stepping Motor Driver Output Current 1.4A
June, 2013
STK672-220-E ONSEMI-STK672-220-E Datasheet
100Kb / 10P
Two-Phase Stepping Motor Driver Output Current 1.4A
June, 2013
STK673-010-E ONSEMI-STK673-010-E Datasheet
117Kb / 15P
3-Phase Stepping Motor Driver
June, 2013
STK673-011-E ONSEMI-STK673-011-E Datasheet
116Kb / 15P
3-Phase Stepping Motor Driver
June, 2013
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com