Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK672-110 Datasheet (PDF) - Sanyo Semicon Device

STK672-110 Datasheet PDF - Sanyo Semicon Device
Part # STK672-110
Download  STK672-110 Download
File Size   134.56 Kbytes
Page   9 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current: 1.8 A

STK672-110 Datasheet (PDF)

Go To PDF Page Download Datasheet
STK672-110 Datasheet PDF - Sanyo Semicon Device

Part # STK672-110
Download  STK672-110 Click to download

File Size   134.56 Kbytes
Page   9 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current: 1.8 A

STK672-110 Datasheet (HTML) - Sanyo Semicon Device


STK672-110 Product details

Overview
The STK672-110 is a unipolar fixed-current chopper type 2-phase stepping motor driver hybrid IC. It features power MOSFETs in the output stage and a built-in phase signal distribution IC. The incorporation of a phase distribution IC allows the STK672-110 to control the speed of the motor based on the frequency of an external input clock signal. It supports two types of excitation for motor control: 2-phase excitation and 1-2 phase excitation. It also provides a function for switching the motor direction.

Features
• The motor speed can be controlled by the frequency of
   an external clock signal (the CLOCK pin signal).
• The excitation type is switched according to the state
   (low or high) of the MODE pin. The mode is set to
   2-phase or 1-2 phase excitation on the rising edge of the
   clock signal.
• A motor direction switching pin (the CWB pin) is provided.
• All inputs are Schmitt inputs and 40-kΩ
   (typical: –50 to +100%) pull-up resistors are built in.
• The motor current can be set by changing the Vref pin
   voltage. Since a 0.22-Ω current detection resistor is built
   in, a current of 1 A is set for each 0.22 V of applied
   voltage.
• The input frequency range for the clock signal used for
   motor speed control is 0 to 25 kHz.
• Supply voltage ranges: VCC1 = 10 to 42 V, VCC2 = 5.0 V ±5%
• This IC supports motor operating currents of up to 1.8 A
   at Tc = 105°C, and of up to 2.65 A at Tc = 25°C.
  
Applications
• Two-phase stepping motor drive in send/receive
   facsimile units
• Paper feed in copiers, industrial robots, and other
   applications that require 2-phase stepping motor drive




Similar Part No. - STK672-110

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK672-110-E SANYO-STK672-110-E Datasheet
79Kb / 9P
Thick-Film Hybrid IC Unipolar Fixed-Current Chopper (Self-Excited PWM) Scheme and Built-in Phase Signal Distribution IC Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current 1.8A
logo
ON Semiconductor
STK672-110-E ONSEMI-STK672-110-E Datasheet
84Kb / 9P
Two-Phase Stepping Motor Driver
June, 2013
logo
Sanyo Semicon Device
STK672-110-SL-E SANYO-STK672-110-SL-E Datasheet
174Kb / 11P
Thick-Film Hybrid IC 2-phase Stepping Motor Driver
logo
ON Semiconductor
STK672-110-SL-E ONSEMI-STK672-110-SL-E Datasheet
172Kb / 11P
2-phase Stepping Motor Driver
June, 2013
More results


Similar Description - STK672-110

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK673-010 SANYO-STK673-010 Datasheet
336Kb / 16P
3-Phase Stepping Motor Driver(sine wave drive) Output Current 2.4A
STK672-080 SANYO-STK672-080 Datasheet
221Kb / 17P
Stepping Motor Driver (Sine Wave Drive) Output Current : 2.8 A (No Heat Sink)
logo
Hitachi Semiconductor
HA13475MP HITACHI-HA13475MP Datasheet
63Kb / 3P
TWO PHASE STEPPING MOTOR DRIVER
logo
Sanyo Semicon Device
STK672-210 SANYO-STK672-210 Datasheet
90Kb / 8P
Two-Phase Stepping Motor Driver Output Current: 1.4 A
STK672-120 SANYO-STK672-120 Datasheet
141Kb / 9P
Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current: 2.4 A
STK672-330 SANYO-STK672-330 Datasheet
90Kb / 11P
Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current: 1.8 A
logo
ON Semiconductor
STK672-110-E ONSEMI-STK672-110-E Datasheet
84Kb / 9P
Two-Phase Stepping Motor Driver
June, 2013
STK672-120-E ONSEMI-STK672-120-E Datasheet
85Kb / 9P
Two-Phase Stepping Motor Driver
June, 2013
STK672-210-E ONSEMI-STK672-210-E Datasheet
98Kb / 10P
Two-Phase Stepping Motor Driver Output Current 1.4A
June, 2013
STK672-220-E ONSEMI-STK672-220-E Datasheet
100Kb / 10P
Two-Phase Stepping Motor Driver Output Current 1.4A
June, 2013
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com