Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST39VF1601C Datasheet (PDF) - Silicon Storage Technology, Inc

SST39VF1601C Datasheet PDF - Silicon Storage Technology, Inc
Part # SST39VF1601C
Download  SST39VF1601C Download
File Size   379.92 Kbytes
Page   39 Pages
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc
Description 16 Mbit (x16) Multi-Purpose Flash Plus

SST39VF1601C Datasheet (PDF)

Go To PDF Page Download Datasheet
SST39VF1601C Datasheet PDF - Silicon Storage Technology, Inc

Part # SST39VF1601C
Download  SST39VF1601C Click to download

File Size   379.92 Kbytes
Page   39 Pages
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc
Description 16 Mbit (x16) Multi-Purpose Flash Plus

SST39VF1601C Datasheet (HTML) - Silicon Storage Technology, Inc


SST39VF1601C Product details

Product Description
The SST39VF1601C and SST39VF1602C devices are 1M x16 CMOS Multi-Purpose Flash Plus (MPF+) manufactured with SST proprietary, high performance CMOS SuperFlash technology. The split-gate cell design and thick-oxide tunneling injector attain better reliability and manufacturability compared with alternate approaches. The SST39VF160xC writes (Program or Erase) with a 2.7-3.6V power supply. These devices conform to JEDEC standard pinouts for x16 memories.
Featuring high performance Word-Program, the SST39VF1601C/1602C devices provide a typical Word-Program time of 7 µsec. These devices use Toggle Bit, Data# Polling, or the RY/BY# pin to indi cate the completion of Program operation. To protect against inadvertent write, they have on-chip hard ware and Software Data Protection schemes. Designed, manufactured, and tested for a wide spectrum of applications, these devices are offered with a guaranteed typical endurance of 100,000 cycles. Data retention is rated at greater than 100 years.

Features
• Organized as 1M x16: SST39VF1601C/1602C
• Single Voltage Read and Write Operations
   – 2.7-3.6V
• Superior Reliability
   – Endurance: 100,000 Cycles (Typical)
   – Greater than 100 years Data Retention
• Low Power Consumption (typical values at 5 MHz)
   – Active Current: 9 mA (typical)
   – Standby Current: 3 µA (typical)
   – Auto Low Power Mode: 3 µA (typical)
• Hardware Block-Protection/WP# Input Pin
   – Top Block-Protection (top 8 KWord)
   – Bottom Block-Protection (bottom 8 KWord)
• Sector-Erase Capability
   – Uniform 2 KWord sectors
• Block-Erase Capability
   – Flexible block architecture; one 8-, two 4-, one 16-, and thirty one 32-KWord blocks
• Chip-Erase Capability
• Erase-Suspend/Erase-Resume Capabilities
• Hardware Reset Pin (RST#)
• Latched Address and Data
• Security-ID Feature
   – SST: 128 bits; User: 128 words
• Fast Read Access Time:
   – 70 ns
• Fast Erase and Word-Program:
   – Sector-Erase Time: 18 ms (typical)
   – Block-Erase Time: 18 ms (typical)
   – Chip-Erase Time: 40 ms (typical)
   – Word-Program Time: 7 µs (typical)
• Automatic Write Timing
   – Internal VPP Generation
• End-of-Write Detection
   – Toggle Bits
   – Data# Polling
   – Ready/Busy# Pin
• CMOS I/O Compatibility
• JEDEC Standard
   – Flash EEPROM Pinouts and command sets
• Packages Available
   – 48-lead TSOP (12mm x 20mm)
   – 48-ball TFBGA (6mm x 8mm)
   – 48-ball WFBGA (4mm x 6mm)
• All devices are RoHS compliant




Similar Part No. - SST39VF1601C

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST39VF1601C MICROCHIP-SST39VF1601C Datasheet
1Mb / 38P
16 Mbit (x16) Multi-Purpose Flash Plus
Rev. B / May 2018
SST39VF1601C-70-4C-B3KE MICROCHIP-SST39VF1601C-70-4C-B3KE Datasheet
1Mb / 38P
16 Mbit (x16) Multi-Purpose Flash Plus
Rev. B / May 2018
SST39VF1601C-70-4C-B3QE MICROCHIP-SST39VF1601C-70-4C-B3QE Datasheet
1Mb / 38P
16 Mbit (x16) Multi-Purpose Flash Plus
Rev. B / May 2018
SST39VF1601C-70-4C-EKE MICROCHIP-SST39VF1601C-70-4C-EKE Datasheet
1Mb / 38P
16 Mbit (x16) Multi-Purpose Flash Plus
Rev. B / May 2018
SST39VF1601C-70-4C-EQE MICROCHIP-SST39VF1601C-70-4C-EQE Datasheet
1Mb / 38P
16 Mbit (x16) Multi-Purpose Flash Plus
Rev. B / May 2018
More results


Similar Description - SST39VF1601C

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39VF1601 SST-SST39VF1601 Datasheet
496Kb / 32P
16 Mbit / 32 Mbit / 64 Mbit (x16) Multi-Purpose Flash Plus
SST39WF1601 SST-SST39WF1601 Datasheet
741Kb / 29P
16 Mbit (x16) Multi-Purpose Flash Plus
SST39VF6401B SST-SST39VF6401B Datasheet
476Kb / 30P
64 Mbit (x16) Multi-Purpose Flash Plus
SST39VF1601 SST-SST39VF1601_05 Datasheet
509Kb / 32P
16 Mbit / 32 Mbit / 64 Mbit (x16) Multi-Purpose Flash Plus
SST39WF1601 SST-SST39WF1601_10 Datasheet
811Kb / 29P
16 Mbit (x16) Multi-Purpose Flash Plus
SST39WF1601 SST-SST39WF1601_11 Datasheet
618Kb / 27P
16 Mbit (x16) Multi-Purpose Flash Plus
SST39VF801C-70-4C-B3KE SST-SST39VF801C-70-4C-B3KE Datasheet
378Kb / 38P
8 Mbit (x16) Multi-Purpose Flash Plus
logo
Microchip Technology
SST39VF6401B MICROCHIP-SST39VF6401B Datasheet
530Kb / 36P
64 Mbit (x16) Multi-Purpose Flash Plus
08/15
SST39VF1601C MICROCHIP-SST39VF1601C Datasheet
1Mb / 38P
16 Mbit (x16) Multi-Purpose Flash Plus
Rev. B / May 2018
SST39VF6401B MICROCHIP-SST39VF6401B_V01 Datasheet
4Mb / 38P
64 Mbit (x16) Multi-Purpose Flash Plus
Revision C May 2018
More results




About Silicon Storage Technology, Inc


Silicon Storage Technology, Inc. (SST) was an American technology company that specialized in the design and manufacture of non-volatile memory solutions, including flash memory and microcontrollers.
The company was founded in 1991 and had its headquarters in Sunnyvale, California.
SST was known for its innovative technology and high-quality products, and it had a strong reputation in the memory and storage industry.
In 2010, SST was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
Today, SST operates as a subsidiary of Microchip and continues to provide non-volatile memory solutions for a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com