Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST4471 Datasheet (PDF) - Solid States Devices, Inc

ST4471 Datasheet PDF - Solid States Devices, Inc
Part # ST4471
Download  ST4471 Download
File Size   131.81 Kbytes
Page   2 Pages
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc
Description 150 W Transient Voltage Suppressor

ST4471 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST4471 Datasheet PDF - Solid States Devices, Inc

Part # ST4471
Download  ST4471 Click to download

File Size   131.81 Kbytes
Page   2 Pages
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc
Description 150 W Transient Voltage Suppressor

ST4471 Datasheet (HTML) - Solid States Devices, Inc




Similar Part No. - ST4471

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST4460FX STMICROELECTRONICS-ST4460FX Datasheet
213Kb / 11P
High voltage fast-switching NPN Power transistor
18-Dec-2006
ST448 STMICROELECTRONICS-ST448 Datasheet
58Kb / 5P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
rev. C
ST4485EB STMICROELECTRONICS-ST4485EB Datasheet
392Kb / 18P
Guaranteed 20 Mbps data rate
September 2013 Rev 2
ST4485EBDR STMICROELECTRONICS-ST4485EBDR Datasheet
392Kb / 18P
Guaranteed 20 Mbps data rate
September 2013 Rev 2
logo
List of Unclassifed Man...
ST44A ETC1-ST44A Datasheet
181Kb / 2P
PROPRIETARY TO PEAK PLASTIC & METAL PRODUCTS (INTERNATIONAL)
More results


Similar Description - ST4471

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
ST500A7.5 SSDI-ST500A7.5_1 Datasheet
147Kb / 2P
500 W Transient Voltage Suppressor
logo
ON Semiconductor
SMF20AT1G ONSEMI-SMF20AT1G Datasheet
119Kb / 6P
200 W Transient Voltage Suppressor
May, 2013 ??Rev. 7
logo
Nexperia B.V. All right...
PTVS24VU1UPA NEXPERIA-PTVS24VU1UPA Datasheet
265Kb / 13P
300 W Transient Voltage Suppressor
PTVS22VU1UPA NEXPERIA-PTVS22VU1UPA Datasheet
262Kb / 13P
300 W Transient Voltage Suppressor
PTVS20VU1UPA NEXPERIA-PTVS20VU1UPA Datasheet
260Kb / 14P
300 W Transient Voltage Suppressor
PTVSXP1UP_SER NEXPERIA-PTVSXP1UP_SER Datasheet
682Kb / 12P
600 W Transient Voltage Suppressor
Rev. 2 - 6 January 2011
PTVSXS1UR-Q_SER NEXPERIA-PTVSXS1UR-Q_SER Datasheet
220Kb / 11P
400 W Transient Voltage Suppressor
1 June 2022
PTVSXS1UR_SER NEXPERIA-PTVSXS1UR_SER Datasheet
680Kb / 12P
400 W Transient Voltage Suppressor
Rev. 3 - 10 January 2011
PTVSXP1UP-Q_SER NEXPERIA-PTVSXP1UP-Q_SER Datasheet
223Kb / 11P
600 W Transient Voltage Suppressor
13 June 2022
PTVSXU1UPA_SER NEXPERIA-PTVSXU1UPA_SER Datasheet
881Kb / 12P
300 W Transient Voltage Suppressor
Rev. 1 - 6 March 2014
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com