Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST4485EBDR Datasheet (PDF) - STMicroelectronics

ST4485EBDR Datasheet PDF - STMicroelectronics
Part # ST4485EBDR
Download  ST4485EBDR Download
File Size   392.69 Kbytes
Page   18 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Guaranteed 20 Mbps data rate

ST4485EBDR Datasheet (PDF)

Go To PDF Page Download Datasheet
ST4485EBDR Datasheet PDF - STMicroelectronics

Part # ST4485EBDR
Download  ST4485EBDR Click to download

File Size   392.69 Kbytes
Page   18 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Guaranteed 20 Mbps data rate

ST4485EBDR Datasheet (HTML) - STMicroelectronics




Similar Part No. - ST4485EBDR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST448 STMICROELECTRONICS-ST448 Datasheet
58Kb / 5P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
rev. C
More results


Similar Description - ST4485EBDR

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SPLV2.8-4BTG LITTELFUSE-SPLV2.8-4BTG Datasheet
152Kb / 1P
1000 relates to the data rate in Mbps (i.e. 1000Mbps)
logo
Rohm
SML-Z14D4TT86 ROHM-SML-Z14D4TT86 Datasheet
730Kb / 11P
20/50mA guaranteed specifications
logo
Analog Devices
ADN2817 AD-ADN2817_15 Datasheet
813Kb / 40P
Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery ICs
Rev. E
ADN2818 AD-ADN2818_15 Datasheet
813Kb / 40P
Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery ICs
Rev. E
logo
Level One
PFE-1001T LVL1-PFE-1001T Datasheet
1Mb / 3P
100 Mbps Data Transfer Rate
logo
STMicroelectronics
ST3232EB STMICROELECTRONICS-ST3232EB Datasheet
810Kb / 19P
250 kbps minimum guaranteed data rate
08-Feb-2008
ST3243EB STMICROELECTRONICS-ST3243EB Datasheet
633Kb / 16P
Guaranteed 6 V/ms slew rate range
16-Oct-2009
STLV3243EB STMICROELECTRONICS-STLV3243EB Datasheet
261Kb / 16P
250 kbps minimum guaranteed data rate
21-Jan-2009
logo
Qorvo, Inc
DWM1001 QORVO-DWM1001 Datasheet
1Mb / 30P
6.8 Mbps data rate IEEE 802.15.4-2011 UWB compliant
logo
Maxim Integrated Produc...
MAX13035EEVKIT MAXIM-MAX13035EEVKIT Datasheet
389Kb / 7P
100Mbps Guaranteed Data Rates
Rev 2; 12/20
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com