Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST4485EBDR Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST4485EBDR
Description  Guaranteed 20 Mbps data rate
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST4485EBDR Datasheet(HTML) 4 Page - STMicroelectronics

  ST4485EBDR Datasheet HTML 1Page - STMicroelectronics ST4485EBDR Datasheet HTML 2Page - STMicroelectronics ST4485EBDR Datasheet HTML 3Page - STMicroelectronics ST4485EBDR Datasheet HTML 4Page - STMicroelectronics ST4485EBDR Datasheet HTML 5Page - STMicroelectronics ST4485EBDR Datasheet HTML 6Page - STMicroelectronics ST4485EBDR Datasheet HTML 7Page - STMicroelectronics ST4485EBDR Datasheet HTML 8Page - STMicroelectronics ST4485EBDR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Truth tables
ST4485EB
4/18
DocID025158 Rev 2
2
Truth tables
Table 3. Truth table (driver)
Inputs
Outputs
Mode
RE
DE
DI
B
A
X(1)
1. X = don’t care.
H
H
L
H
Normal
X(1)
H
L
H
L
Normal
LL
X(1)
Z(2)
2. Z = high impedance.
Z(2)
Normal
HL
X(1)
Z(2)
Z(2)
Shutdown
Table 4. Truth table (receiver)
Inputs
Output
Mode
RE
DE
A-B
RO
LL
 0.2 V
H
Normal
LL
 -0.2 V
L
Normal
L
L
Inputs open
H
Normal
HL
X(1)
Z(2)
Shutdown
1. X = don’t care.
2. Z = high impedance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com