Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST4485EBDR Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST4485EBDR
Description  Guaranteed 20 Mbps data rate
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST4485EBDR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST4485EBDR Datasheet HTML 3Page - STMicroelectronics ST4485EBDR Datasheet HTML 4Page - STMicroelectronics ST4485EBDR Datasheet HTML 5Page - STMicroelectronics ST4485EBDR Datasheet HTML 6Page - STMicroelectronics ST4485EBDR Datasheet HTML 7Page - STMicroelectronics ST4485EBDR Datasheet HTML 8Page - STMicroelectronics ST4485EBDR Datasheet HTML 9Page - STMicroelectronics ST4485EBDR Datasheet HTML 10Page - STMicroelectronics ST4485EBDR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
DocID025158 Rev 2
7/18
ST4485EB
Electrical characteristics
18
Table 10. Receiver electrical characteristics (VCC = 3 V to 3.6 V, TA = -40 to 105 °C, unless
otherwise specified. Typical values are referred to TA = 25 °C)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VTH
Receiver differential
threshold voltage
VCM = -7 V to 12 V, DE = 0
-0.2
0.2
V
VTH
Receiver input hysteresis
VCM = 0 V
70
V
VOH
Receiver output high
voltage
IOUT = -4 mA, VID = 200 mV
(Figure 8 and Figure 9)
2V
VOL
Receiver output low
voltage
IOUT = 4 mA, VID = -200 mV, (Figure 3)0.4
V
IOZR
3-state (high impedance)
output current at receiver
VCC = 3.6 V, VO = 0 V to VCC
1µA
RRIN
Receiver input resistance
VCM = -7 V to 12 V
24
k
IOSR
Receiver short-circuit
current
VRO = 0 V to VCC
760
mA
Table 11. Driver switching characteristics (VCC = 3 V to 3.6 V, TA = -40 to 105 °C, unless otherwise
specified. Typical values are referred to TA = 25 °C)(1)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
DR
Maximum data rate
20
Mbps
tDD
Differential output delay
RL= 60 , CL = 15 pF, (Figure 4 and
Figure 5)
18
30
ns
tTD
Differential output
transition time
RL= 60 , CL = 15 pF, (Figure 4 and
Figure 5)
12
20
ns
tPLH
tPHL
Propagation delay
RL= 27 , CL = 15 pF, (Figure 8 and
Figure 9)
18
30
ns
tPDS
|tPLH - tPHL| Propagation
delay skew(2)
RL= 27 , CL = 15 pF, (Figure 8 and
Figure 9)
25
ns
tPZL
Output enable time
RL= 110 , (Figure 10 and Figure 11)19
35
ns
tPZH
Output enable time
RL= 110 , (Figure 6 and Figure 7)30
50
ns
tPHZ
Output disable time
RL= 110 , (Figure 6 and Figure 7)19
35
ns
tPLZ
Output disable time
RL= 110  (Figure 10 and Figure 11)30
50
ns
tSKEW
Differential output delay
skew
13
ns
tZH(SHDN)
Driver enable from
shutdown to output high
30
50
ns
tZL(SHDN)
Driver enable from
shutdown to output low
19
35
ns
1. The transceivers are put into shutdown by bring RE high and DE low. If the input are in state for less than 80 ns, the part
are guaranteed not to enter shutdown. If the inputs are in this state for at least 300 ns, the parts are guaranteed to have
entered shutdown.
2. Measured on |tPLH(A) - tPHL(A)| and |tPLH(B) - tPHL(B)|.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com