Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST4485EBDR Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST4485EBDR
Description  Guaranteed 20 Mbps data rate
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST4485EBDR Datasheet(HTML) 1 Page - STMicroelectronics

  ST4485EBDR Datasheet HTML 1Page - STMicroelectronics ST4485EBDR Datasheet HTML 2Page - STMicroelectronics ST4485EBDR Datasheet HTML 3Page - STMicroelectronics ST4485EBDR Datasheet HTML 4Page - STMicroelectronics ST4485EBDR Datasheet HTML 5Page - STMicroelectronics ST4485EBDR Datasheet HTML 6Page - STMicroelectronics ST4485EBDR Datasheet HTML 7Page - STMicroelectronics ST4485EBDR Datasheet HTML 8Page - STMicroelectronics ST4485EBDR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
This is information on a product in full production.
September 2013
DocID025158 Rev 2
1/18
ST4485EB
3.3 V powered, 15 kV ESD protected, up to 20 Mbps RS-485/
RS-422 transceiver
Datasheet
- production data
Features
 ESD protection
– ± 15 kV human body model
– ± 8 kV IEC 1000-4-2 contact discharge
 Operate from a single 3.3 V supply - no charge
pump required
 Interoperable with 5 V logic
 1 µA low current shutdown mode max.
 Guaranteed 20 Mbps data rate
 -7 to 12 V common mode input voltage range
 Half duplex versions available
 Industry standard 75176 pinout
 Current limiting and thermal shutdown for
driver overload protection
 Guaranteed high receiver output state for
floating inputs with no signal present
 Allow up to 64 transceivers on the bus
 Wide operating temperature range:
-40 to +105 °C
Applications
 Industrial systems control
 Telecommunications
Description
The ST4485EB device is a ± 15 kV ESD
protected, 3.3 V low power transceiver for RS-485
and RS-422 communications. The device
contains one driver and one receiver in half
duplex configuration.
The ST4485EB transmits and receives at
a guaranteed data rate of at least 20 Mbps.
All transmitter outputs and receiver inputs are
protected to ± 15 kV using “Human Body Model”.
The driver is short-circuit current limited and is
protected against excessive power dissipation by
thermal shutdown circuitry that places the driver
outputs into a high-impedance state.
SO-8
Table 1. Device summary
Order code
Temperature range
Package
Packaging
ST4485EBDR
-40 to 105 °C
SO-8 (tape and reel)
2500 parts per reel
www.st.com


Similar Part No. - ST4485EBDR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST448 STMICROELECTRONICS-ST448 Datasheet
58Kb / 5P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
rev. C
More results

Similar Description - ST4485EBDR

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SPLV2.8-4BTG LITTELFUSE-SPLV2.8-4BTG Datasheet
152Kb / 1P
1000 relates to the data rate in Mbps (i.e. 1000Mbps)
logo
Rohm
SML-Z14D4TT86 ROHM-SML-Z14D4TT86 Datasheet
730Kb / 11P
20/50mA guaranteed specifications
logo
Analog Devices
ADN2817 AD-ADN2817_15 Datasheet
813Kb / 40P
Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery ICs
Rev. E
ADN2818 AD-ADN2818_15 Datasheet
813Kb / 40P
Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery ICs
Rev. E
logo
Level One
PFE-1001T LVL1-PFE-1001T Datasheet
1Mb / 3P
100 Mbps Data Transfer Rate
logo
STMicroelectronics
ST3232EB STMICROELECTRONICS-ST3232EB Datasheet
810Kb / 19P
250 kbps minimum guaranteed data rate
08-Feb-2008
ST3243EB STMICROELECTRONICS-ST3243EB Datasheet
633Kb / 16P
Guaranteed 6 V/ms slew rate range
16-Oct-2009
STLV3243EB STMICROELECTRONICS-STLV3243EB Datasheet
261Kb / 16P
250 kbps minimum guaranteed data rate
21-Jan-2009
logo
Qorvo, Inc
DWM1001 QORVO-DWM1001 Datasheet
1Mb / 30P
6.8 Mbps data rate IEEE 802.15.4-2011 UWB compliant
logo
Maxim Integrated Produc...
MAX13035EEVKIT MAXIM-MAX13035EEVKIT Datasheet
389Kb / 7P
100Mbps Guaranteed Data Rates
Rev 2; 12/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com