Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3243EB Datasheet (PDF) - STMicroelectronics

ST3243EB Datasheet PDF - STMicroelectronics
Part # ST3243EB
Download  ST3243EB Download
File Size   633.36 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Guaranteed 6 V/ms slew rate range

ST3243EB Datasheet (PDF)

Go To PDF Page Download Datasheet
ST3243EB Datasheet PDF - STMicroelectronics

Part # ST3243EB
Download  ST3243EB Click to download

File Size   633.36 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Guaranteed 6 V/ms slew rate range

ST3243EB Datasheet (HTML) - STMicroelectronics


ST3243EB Product details

Description
The ST3243E device consists of 3 drivers, 5 receivers and a dual charge-pump circuit. The device meets the requirements of EIA/TIA and V.28/V.24 communication standards providing high data rate capability and enhanced electrostatic discharge (ESD) protection. All transmitter outputs and receiver input are protected to ± 8 kV USING IEC 1000-4-2 contact discharge and ± 15 kV using the human body model. The receiver R2 is always active to implement a wake-up feature for serial port.

Features
■ ESD protection for RS-232 I/O pins:
    – ± 8 kV IEC 1000-4-2 contact discharge
    – ± 15 kV human body model
■ 1 µA supply current achieved when in auto power-down
■ 250 kbps minimum guaranteed data rate
■ Guaranteed 6 V/ms slew rate range
■ Guaranteed mouse drive ability
■ 0.1 µF external capacitors
■ Meet EIA/TIA-232 specifications down to 3 V
■ Available in TSSOP28 package




Similar Part No. - ST3243EB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST3243EBD STMICROELECTRONICS-ST3243EBD Datasheet
300Kb / 18P
±15KV ESD PROTECTED 3 TO 5.5V, 400KBPS, RS-232 TRANSCEIVER WITH AUTO-POWERDOWN
Mar-2004
ST3243EBDR STMICROELECTRONICS-ST3243EBDR Datasheet
300Kb / 18P
±15KV ESD PROTECTED 3 TO 5.5V, 400KBPS, RS-232 TRANSCEIVER WITH AUTO-POWERDOWN
Mar-2004
ST3243EBJ STMICROELECTRONICS-ST3243EBJ Datasheet
300Kb / 18P
±15KV ESD PROTECTED 3 TO 5.5V, 400KBPS, RS-232 TRANSCEIVER WITH AUTO-POWERDOWN
Mar-2004
ST3243EBPR STMICROELECTRONICS-ST3243EBPR Datasheet
300Kb / 18P
±15KV ESD PROTECTED 3 TO 5.5V, 400KBPS, RS-232 TRANSCEIVER WITH AUTO-POWERDOWN
Mar-2004
ST3243EBTR STMICROELECTRONICS-ST3243EBTR Datasheet
300Kb / 18P
±15KV ESD PROTECTED 3 TO 5.5V, 400KBPS, RS-232 TRANSCEIVER WITH AUTO-POWERDOWN
Mar-2004
More results


Similar Description - ST3243EB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP32510 VISHAY-SIP32510 Datasheet
517Kb / 12P
1.2 V to 5.5 V, Slew Rate Controlled Load Switch in TSOT23-6
08-Jul-13
SIP32508 VISHAY-SIP32508 Datasheet
225Kb / 10P
1.1 V to 5.5 V, Slew Rate Controlled Load Switch in TSOT23-6
29-Feb-16
logo
STMicroelectronics
ST4485EB STMICROELECTRONICS-ST4485EB Datasheet
392Kb / 18P
Guaranteed 20 Mbps data rate
September 2013 Rev 2
logo
ON Semiconductor
FPF2411 ONSEMI-FPF2411 Datasheet
1,011Kb / 13P
6 V / 6 A - Rated Bi-Directional Switch with Slew Rate Control and RCB
August-2017 ??Rev. 2
logo
Vishay Siliconix
SIP32508 VISHAY-SIP32508_V01 Datasheet
274Kb / 13P
1.1 V to 5.5 V, Slew Rate Controlled Load Switch in TSOT23-6
06-Jul-2020
SIP32510 VISHAY-SIP32510_V01 Datasheet
798Kb / 14P
1.2 V to 5.5 V, Slew Rate Controlled Load Switch in TSOT23-6
06-Jul-2020
logo
Renesas Technology Corp
READ2304G RENESAS-READ2304G Datasheet
1Mb / 10P
High Drivability & High Slew Rate, Input Output Full Range,
2020.08.20
READ2354J RENESAS-READ2354J Datasheet
923Kb / 9P
High Drivability & High Slew Rate, Input Output Full Range,
2022.5.12
READ4304G RENESAS-READ4304G Datasheet
1Mb / 9P
High Drivability & High Slew Rate, Input Output Full Range
Sep.21.22
READ4354J RENESAS-READ4354J Datasheet
1Mb / 9P
High Drivability & High Slew Rate, Input Output Full Range
Sep.21.22
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com