Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3243EB Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST3243EB
Description  Guaranteed 6 V/ms slew rate range
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3243EB Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST3243EB Datasheet HTML 2Page - STMicroelectronics ST3243EB Datasheet HTML 3Page - STMicroelectronics ST3243EB Datasheet HTML 4Page - STMicroelectronics ST3243EB Datasheet HTML 5Page - STMicroelectronics ST3243EB Datasheet HTML 6Page - STMicroelectronics ST3243EB Datasheet HTML 7Page - STMicroelectronics ST3243EB Datasheet HTML 8Page - STMicroelectronics ST3243EB Datasheet HTML 9Page - STMicroelectronics ST3243EB Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Maximum ratings
ST3243EB, ST3243EC
6/16
Doc ID 8648 Rev 12
3
Maximum ratings
Note:
Absolute maximum ratings are those values beyond which damage to the device may occur.
Functional operation under these condition is not implied.
Table 5.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage
-0.3 to 6
V
V+
Doubled voltage terminal
(VCC -0.3) to 7
V
V-
Inverted voltage terminal
0.3 to -7
V
V+ +|V-|
13
V
FORCEON,
FORCEOFF,
TIN
Input voltage
-0.3 to 6
V
RIN
Receiver input voltage range
± 25
V
TOUT
Transmitter output voltage range
± 13.2
V
ROUT ROUTB
INVALID
Receiver output voltage range
-0.3 to (VCC + 0.3)
V
tSHORT
Short circuit duration on TOUT (one at a time)
Continuous
Tstg
Storage temperature range
-65 to 150
°C
Table 6.
ESD performance: transmitter outputs, receiver inputs
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ESD
ESD protection voltage
Human body model
± 15
kV
ESD
ESD protection voltage
IEC 1000-4-2 (contact discharge)
± 8kV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com