Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3243EB Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST3243EB
Description  Guaranteed 6 V/ms slew rate range
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3243EB Datasheet(HTML) 4 Page - STMicroelectronics

  ST3243EB Datasheet HTML 1Page - STMicroelectronics ST3243EB Datasheet HTML 2Page - STMicroelectronics ST3243EB Datasheet HTML 3Page - STMicroelectronics ST3243EB Datasheet HTML 4Page - STMicroelectronics ST3243EB Datasheet HTML 5Page - STMicroelectronics ST3243EB Datasheet HTML 6Page - STMicroelectronics ST3243EB Datasheet HTML 7Page - STMicroelectronics ST3243EB Datasheet HTML 8Page - STMicroelectronics ST3243EB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Pin configuration
ST3243EB, ST3243EC
4/16
Doc ID 8648 Rev 12
15
R5OUT
Fifth receiver output voltage
16
R4OUT
Fourth receiver output voltage
17
R3OUT
Third receiver output voltage
18
R2OUT
Second receiver output voltage
19
R1OUT
First receiver output voltage
20
R2OUTB
Non-inverting complementary receiver output, always active
for wake-up
21
INVALID
Output of the valid signal detector. Indicates if a valid RS-232
level is present on receiver inputs logic "1"
22
FORCEOFF
Drive low to shut down transmitters and on-board power
supply. This over-rides all automatic circuitry and FORCEON
23
FORCEON
Drive high to override automatic circuitry keeping transmitters
on (FORCEOFF must be high)
24
C1-
Negative terminal of voltage-charge pump capacitor
25
GND
Ground
26
VCC
Supply voltage
27
V+
5.5 V Generated by the charge pump
28
C1+
Positive terminal of voltage-charge pump capacitor
Table 2.
Pin description (continued)
Pin n°
Symbol
Name and function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com