Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3243EB Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST3243EB
Description  Guaranteed 6 V/ms slew rate range
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3243EB Datasheet(HTML) 3 Page - STMicroelectronics

  ST3243EB Datasheet HTML 1Page - STMicroelectronics ST3243EB Datasheet HTML 2Page - STMicroelectronics ST3243EB Datasheet HTML 3Page - STMicroelectronics ST3243EB Datasheet HTML 4Page - STMicroelectronics ST3243EB Datasheet HTML 5Page - STMicroelectronics ST3243EB Datasheet HTML 6Page - STMicroelectronics ST3243EB Datasheet HTML 7Page - STMicroelectronics ST3243EB Datasheet HTML 8Page - STMicroelectronics ST3243EB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ST3243EB, ST3243EC
Pin configuration
Doc ID 8648 Rev 12
3/16
1
Pin configuration
Figure 1.
Pin configuration
Table 2.
Pin description
Pin n°
Symbol
Name and function
1C2+
Positive terminal of inverting charge pump capacitor
2C2-
Negative terminal of inverting charge pump capacitor
3
V-
-5.5 V Generated by the charge pump
4R1IN
First receiver input voltage
5R2IN
Second receiver input voltage
6R3IN
Third receiver input voltage
7R4IN
Fourth receiver input voltage
8R5IN
Fifth receiver input voltage
9T1OUT
First transmitter output voltage
10
T2OUT
Second transmitter output voltage
11
T3OUT
Third transmitter output voltage
12
T3IN
Third transmitter input voltage
13
T2IN
Second transmitter input voltage
14
T1IN
First transmitter input voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com