Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

35XS3500 Datasheet (PDF) - Freescale Semiconductor, Inc

35XS3500 Datasheet PDF - Freescale Semiconductor, Inc
Part # 35XS3500
Download  35XS3500 Download
File Size   1342.85 Kbytes
Page   41 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Smart Rear Corner Light Switch (Penta 35 m廓)

35XS3500 Datasheet (PDF)

Go To PDF Page Download Datasheet
35XS3500 Datasheet PDF - Freescale Semiconductor, Inc

Part # 35XS3500
Download  35XS3500 Click to download

File Size   1342.85 Kbytes
Page   41 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Smart Rear Corner Light Switch (Penta 35 m廓)

35XS3500 Datasheet (HTML) - Freescale Semiconductor, Inc


35XS3500 Product details

Smart Rear Corner Light Switch (Penta 35 mOhm)

The 35XS3500 is designed for low-voltage automotive and industrial lighting applications. Its five low RDS(ON) MOSFETs (five 35 mΩ) can control the high sides of five separate resistive loads (bulbs and LEDs).
Programming, control and diagnostics are accomplished using a 16-bit SPI interface (3.3 V or 5.0 V). Each output has its own pulsewidth modulation (PWM) control via the SPI. The 35XS3500 has highly sophisticated failure mode handling to provide high availability of the outputs. Its multiphase control and output edge shaping improves electromagnetic compatibility (EMC) behavior.
The 35XS3500 is packaged in a power-enhanced 12 x 12 mm nonleaded PQFN package with exposed tabs.

Features
• Penta 35 m high side switches
• 16-bit SPI communication interface with daisy chain capability
• Current sense output with SPI-programmable multiplex switch and board temperature feedback
• Digital diagnosis feature
• PWM module with multiphase feature including prescaler
• LEDs control including accurate current sensing and low duty-cycle capability
• Fully protected switches
• Over-current shutdown detection
• Power net and reverse polarity protection
• Low-power mode
• Fail-safe mode functions including autorestart feature
• External smart power switch control including current recopy




Similar Part No. - 35XS3500

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
35XS3500 NXP-35XS3500 Datasheet
2Mb / 45P
Smart Rear Corner Light Switch (Penta 35 mOhm)
Rev. 8.0, 8/2013
logo
Freescale Semiconductor...
35XS3500 FREESCALE-35XS3500_V12 Datasheet
1Mb / 47P
Smart Rear Corner Light Switch(penta 35 mOhm)
More results


Similar Description - 35XS3500

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33480 FREESCALE-33480 Datasheet
989Kb / 39P
Smart Front Corner Light
10XS3535 FREESCALE-10XS3535 Datasheet
1Mb / 43P
Smart Front Corner Light Switch (Triple 10 m廓 and Dual 35 m廓)
MC10XS3535 FREESCALE-MC10XS3535 Datasheet
1Mb / 45P
Smart Front Corner Light Switch
35XS3500 FREESCALE-35XS3500_V12 Datasheet
1Mb / 47P
Smart Rear Corner Light Switch(penta 35 mOhm)
logo
Texas Instruments
TPS2HB35-Q1 TI1-TPS2HB35-Q1_19 Datasheet
542Kb / 43P
40-V, 35-m廓 Dual-Channel Smart High-Side Switch
TPS1HB35-Q1 TI1-TPS1HB35-Q1 Datasheet
535Kb / 39P
40-V, 35-m廓 Single-Channel Smart High-Side Switch
TPS2HB35-Q1 TI1-TPS2HB35-Q1_V01 Datasheet
541Kb / 43P
40-V, 35-m廓 Dual-Channel Smart High-Side Switch
TPS2HB35-Q1 TI1-TPS2HB35-Q1_V02 Datasheet
1Mb / 58P
TPS2HB35-Q1 40-V, 35-m廓 Dual-Channel Smart High-Side Switch
TPS1HB35-Q1 TI-TPS1HB35-Q1_V01 Datasheet
2Mb / 55P
TPS1HB35-Q1 40-V, 35-m廓 Single-Channel Smart High-Side Switch
logo
NXP Semiconductors
MC35XS3500 NXP-MC35XS3500 Datasheet
2Mb / 45P
Smart Rear Corner Light Switch (Penta 35 mOhm)
Rev. 8.0, 8/2013
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com