Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33480 Datasheet (PDF) - Freescale Semiconductor, Inc

33480 Datasheet PDF - Freescale Semiconductor, Inc
Part # 33480
Download  33480 Download
File Size   989.09 Kbytes
Page   39 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Smart Front Corner Light

33480 Datasheet (PDF)

Go To PDF Page Download Datasheet
33480 Datasheet PDF - Freescale Semiconductor, Inc

Part # 33480
Download  33480 Click to download

File Size   989.09 Kbytes
Page   39 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Smart Front Corner Light

33480 Datasheet (HTML) - Freescale Semiconductor, Inc


33480 Product details

Smart Front Corner Light Switch (Triple 10 mΩ and Dual 35 mΩ)



The 33480 is designed for low-voltage automotive and industrial lighting applications. Its five low RDS(ON) MOSFETs (three 10 mΩ, two 35 mΩ) can control the high sides of five separate resistive loads (bulbs).

Programming, control, and diagnostics are accomplished using a 16-bit SPI interface. Each output has its own PWM control via SPI. The 33480 has highly sophisticated failure mode handling to provide high availability of the outputs. Its multiphase control and output edge shaping improves electromagnetic compatibility (EMC) behavior.

The 33480 is packaged in a power-enhanced 12 x 12 nonleaded Power QFN package with exposed tabs.



Features

• Triple 10 mΩ and Dual 35 mΩ High-Side Switches

• 16-bit SPI Communication Interface with Daisy Chain Capability

• Current Sense Output with SPI-Programmable Multiplex Switch

• Digital Diagnosis Feature

• PWM Module with Multiphase Feature

• Fully Protected Switches

• Overcurrent Shutdown detection

• Power Net and Reverse Polarity Protection

• Low-Power Mode

• Fail Mode Functions including Autorestart feature

• External smart power switch control including current recopy



 




Similar Part No. - 33480

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
33480 ETC2-33480 Datasheet
261Kb / 1P
Wiha T-handle Hex Tools
logo
HARTING Technology Grou...
33480101804005 HARTING-33480101804005 Datasheet
485Kb / 2P
ix Type A 4x2xAWG26/7 PUR 0.5m
33480101804010 HARTING-33480101804010 Datasheet
484Kb / 2P
ix Type A 4x2xAWG26/7 PUR 1.0m
33480101804020 HARTING-33480101804020 Datasheet
484Kb / 2P
ix Type A 4x2xAWG26/7 PUR 2.0m
33480101804030 HARTING-33480101804030 Datasheet
485Kb / 2P
ix Type A 4x2xAWG26/7 PUR 3.0m
More results


Similar Description - 33480

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPDB50PH60 FAIRCHILD-FPDB50PH60 Datasheet
225Kb / 12P
Smart Power Module for Front-End Rectifier
FPDB30PH60 FAIRCHILD-FPDB30PH60 Datasheet
225Kb / 12P
Smart Power Module for Front-End Rectifier
FPDB20PH60 FAIRCHILD-FPDB20PH60 Datasheet
228Kb / 12P
Smart Power Module for Front-End Rectifier
FPDB40PH60B FAIRCHILD-FPDB40PH60B Datasheet
245Kb / 12P
Smart Power Module for Front-End Rectifier
logo
Freescale Semiconductor...
10XS3535 FREESCALE-10XS3535 Datasheet
1Mb / 43P
Smart Front Corner Light Switch (Triple 10 m廓 and Dual 35 m廓)
35XS3500 FREESCALE-35XS3500 Datasheet
1Mb / 41P
Smart Rear Corner Light Switch (Penta 35 m廓)
MC10XS3535 FREESCALE-MC10XS3535 Datasheet
1Mb / 45P
Smart Front Corner Light Switch
35XS3500 FREESCALE-35XS3500_V12 Datasheet
1Mb / 47P
Smart Rear Corner Light Switch(penta 35 mOhm)
logo
Skyworks Solutions Inc.
SE2438T SKYWORKS-SE2438T Datasheet
1Mb / 13P
Smart Energy Front-End Module
logo
NXP Semiconductors
MC35XS3500 NXP-MC35XS3500 Datasheet
2Mb / 45P
Smart Rear Corner Light Switch (Penta 35 mOhm)
Rev. 8.0, 8/2013
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com