Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33480 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # 33480
Description  Smart Front Corner Light
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33480 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button 33480 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
9
33480
STATIC ELECTRICAL CHARACTERISTICS
LOW BEAM OUT2 (continued)
Severe short-circuit impedance detection for Vbat=20V without artificial
network (20)
RSC1(OUT2)
TBD
–
–
m
Ω
Severe short-circuit impedance detection for Vbat=20V with artificial
network L=10µH, R=20mohm (20)
RSC2(OUT2)
TBD
–
–
m
Ω
HIGH BEAM OUT3
Output Drain-to-Source ON Resistance (IOUT = 5.5 A, TA = 25°C)
VBAT = 13.5 V
VBAT = 7.0 V
RDS(ON)25
–
–
–
–
10
15
m
Ω
Output Drain-to-Source ON Resistance (IOUT = 2.8 A, VBAT = 13.5 V,
TA = 150°C)
(20)
RDS(ON)150
–
–
17.0
m
Ω
Reverse Source-to-Drain ON Resistance (IOUT = -2.8 A, TA = 25°C) (21)
VBAT = -12 V
RSD(ON)25
–
–
20
m
Ω
High Over Current Shutdown Threshold 1
VBAT = 16 V, TA = -40°C
VBAT = 16 V, TA = 25°C
VBAT = 16 V, TA = 125°C
IOCHI1
IOCHI1_40
IOCHI1_25
IOCHI1_125
61.6
TBD
TBD
TBD
77.0
TBD
77.0
TBD
92.4
TBD
TBD
TBD
A
High Over Current Shutdown Threshold 2
IOCHI2
26.5
33.2
39.8
A
Low Over Current Shutdown Threshold
IOCLO
12.4
14.8
17.2
A
Open Load Current Threshold in ON State (22)
IOL
0.1
0.4
1.0
A
Open Load Current Threshold in ON State with LED (23)
VOL = VBAT - 0.5 V
IOLLED
5.0
10.0
20.0
mA
Current Sense Full-Scale Range (24)
ICS FSR
–
13.3
–
A
Severe short-circuit impedance detection for Vbat=20V without artificial
network (20)
RSC1(OUT3)
TBD
–
–
m
Ω
Severe short-circuit impedance detection for Vbat=20V with artificial
network L=10µH, R=20mohm (20)
RSC2(OUT3)
TBD
–
–
m
Ω
Notes
20.
Parameter guaranteed by design; however, it is not production tested.
21.
Source-to-Drain ON Resistance (Reverse Drain-to-Source ON Resistance) with negative polarity VBAT.
22.
OLLED3, bit D2 in SI data is set to [0].
23.
OLLED3, bit D2 in SI data is set to [1].
24.
For typical value of ICS FSR, ICSNS = 5.0 mA. If the range is exceeded, no current clamp and the precision is no more guaranteed.
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions 4.5 V
≤ VCC ≤ 5.5 V, 7.0 V ≤ VBAT ≤ 18 V, -40°C ≤ TA ≤ 125°C, GND = 0 V unless
otherwise noted. Typical values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless
otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
This paragraph is boilerplate - you may add to it but, can not change wording. You may change numeric values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com