Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33480 Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # 33480
Description  Smart Front Corner Light
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33480 Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button 33480 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
Analog Integrated Circuit Device Data
16
Freescale Semiconductor
33480
FUNCTIONAL DESCRIPTION
INTRODUCTION
FUNCTIONAL DESCRIPTION
INTRODUCTION
The 33480 is designed for low-voltage automotive and
industrial lighting applications. Its five low RDS(ON) MOSFETs
(three 10 m
Ω and two 35 mΩ) can control the high sides of
five separate resistive loads (bulbs). Programming, control,
and diagnostics are accomplished using a 16-bit SPI
interface.
FUNCTIONAL TERMINAL DESCRIPTION
SUPPLY VOLTAGE (VBAT)
The VBAT terminal of the 33480 is the power supply of the
device. In addition to its supply function, this tab contributes
to the thermal behavior of the device by conducting the heat
from the switching MOSFETs to the printed circuit board.
SUPPLY VOLTAGE (VCC)
This is an external voltage input terminal used to supply
the SPI digital portion of the circuit and the gate driver of the
external SMART MOSFET.
GROUND (GND)
This terminal is the ground of the device.
CLOCK INPUT (CLOCK)
The PWM frequency and timing are generated from clock
input by the PWM module. The clock input frequency is the
factor 27 = 128 of the PWM frequency (60 Hz to 240 Hz). The
OUT1:6 can be controlled in the range of 4% to 96% with a
resolution of 7 bits of duty cycle (bits D[6:0]).
The following table describes the PWM resolution.
The timing includes four programmable PWM switching
phases (0°, 90°, 180°, and 270°) to improve overall EMC
behavior of the light module.
The amplitude of the input current is divided by four while
the frequency is 4 times the original one. The two following
pictures illustrate this behavior.
The synchronization of the switching phases between
different corner light IC is provided by an SPI command in
combination with the CS input. The bit in the SPI is called
PWM sync (initialization register).
In Normal Mode, no PWM feature (100% duty cycle) is
provided in the following instances:
• with the following SPI configuration: D7:D0=FF.
• In case of clock input signal failure (out of fPWM), the
outputs state depends of D7 bit value (D7=1=ON) in
Normal Mode.
In Fail mode. The ouputs state depends of IGN and
Flasher terminals.
LIMP HOME INPUT (LIMP)
The Fail mode of the component can be activated by this
digital input port. The signal is “high active”, meaning the Fail
mode can be activated by a logic high signal at the input.
On/Off
(Bit D7)
Duty cycle (7 bits
resolution)
Output state
0X
OFF
1
0000000
PWM (1/128 duty cycle)
1
0000001
PWM (2/128 duty cycle)
1
0000010
PWM (3/128 duty cycle)
1
1111111
fully ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com