Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33480 Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # 33480
Description  Smart Front Corner Light
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33480 Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button 33480 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
17
33480
FUNCTIONAL DESCRIPTION
FUNCTIONAL TERMINAL DESCRIPTION
IGNITION INPUT (IGN)
The ignition input wakes the device. It also controls the Fail
mode activation. The signal is “high active”, meaning the
component is active in case of a logic high at the input.
FLASHER INPUT (FLASHER)
The flasher input wakes the device. It also controls the Fail
Mode activation. The signal is “high active”, meaning the
component is active in case of a logic high at the input.
RESET INPUT (RSTB)
This input wakes the device when the RSTB terminal is at
logic [1]. It is also used to initialize the device configuration
and the SPI faults registers when the signal is low. All SI/SO
registers described Table 8 and Table 11 are reset. The fault
management is not affected by RSTB (see Figure 2).
CURRENT SENSE OUTPUT (CSNS)
The current sense output terminal is an analog current
output. The routing to the external resistor is SPI
programmable.
CHARGE PUMP (CP)
An external capacitor is connected between this terminal
and VBAT terminal. It is used as a tank for the internal charge
pump. Its value is 100 nF ±20%, 25V maximum.
FETOUT OUTPUT (FETOUT)
This output terminal is used to control an external
MOSFET (OUT6).
The high level of the FETout Output is Vcc if Vbat and Vcc
are available in case of FETout is controlled ON.
FETout is not protected in case of short circuit or
undervoltage on Vbat.
In case of reverse battery, OUT6 is OFF.
FETIN INPUT (FETIN)
This input terminal gives the current recopy of the external
MOSFET. It can be routed on CSNS output by SPI command.
SPI PROTOCOL DESCRIPTION
The SPI interface has a full-duplex, three-wire
synchronous data transfer with four I/O lines associated with
it: Serial Clock (SCLK), Serial Input (SI), Serial Output (SO),
and Chip Select (CS).
The SI/SO terminals of the 33480 device follow a first-in,
first-out (D15 to D0) protocol, with both input and output
words transferring the most significant bit (MSB) first. All
inputs are compatible with 5.0 V CMOS logic levels, supplied
by Vcc.
The SPI lines perform the following functions:
SERIAL CLOCK (SCLK)
The SCLK terminal clocks the internal shift registers of the
33480 device. The SI terminal accepts data into the input shift
register on the falling edge of the SCLK signal, while the SO
terminal shifts data information out of the SO line driver on
the rising edge of the SCLK signal. It is important that the
SCLK terminal be in a logic low state whenever CS makes
any transition. For this reason, it is recommended the SCLK
terminal be in a logic [0] whenever the device is not accessed
(CS logic [1] state). SCLK has an internal pulldown, IDWN.
When CS is logic [1], signals at the SCLK and SI terminals
are ignored and SO is tri-stated (high impedance) (see
Figure 6).
Figure 6. Single 16-Bit Word SPI Communication
CS
CSB
SI
SCLK
SO
D15
D1
D2
D3
D4
D5
D6
D7
D8
D9
D14
D13
D12
D11
D10
OD12
D0
OD13
OD14
OD15
OD6
OD7
OD8
OD9
OD10
OD11
OD1
OD2
OD3
OD4
OD5
1.
RSTB is in a logic H state during the above operation.
2.
DO, D1, D2, ... , and D15 relate to the most recent ordered entry of program data into the LUX IC
3.
OD0, OD1, OD2, ..., and OD15 relate to the first 16 bits of ordered fault and status data out of the LUX IC
NOTES:
OD0
CS
device.
device.
1. D15 : D0 relate to the most recent ordered entry of data into the device.
2. OD15 : OD0 relate to the first 16 bits of ordered fault and status data out of the device.
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com