Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33480 Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # 33480
Description  Smart Front Corner Light
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33480 Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button 33480 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
19
33480
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
SLEEP MODE
The Sleep mode is the default mode of the 33480. This is
the state of the device after first applying battery voltage
(VBAT) and prior to any I/O transitions. This is also the state
of the device when IGN, FLASHER, and RSTB are logic [0]
(wake=0). In the Sleep mode, the outputs and all internal
circuitry are OFF to minimize current draw. In addition, all
SPI-configurable features of the device are reset. The 33480
will transit to two modes (Normal and Fail) depending on
wake and fail signals (see Fig13).
The transition to the other modes is according following
signals :
• Wake = IGN or IGN_ON or FLASHER or
FLASHER_ON or RSTB
• Fail = VCC fail or SPI fail or External limp
NORMAL MODE
The 33480 is in Normal mode when:
• Wake = 1
• Fail = 0
In Normal operating mode the power outputs are under full
control of the SPI as follows:
• The outputs 1 to 6, including multiphase timing, are
controlled by the programmable PWM module.
• The outputs 1 to 5 are switched OFF in case of
undervoltage on Vbat.
• The outputs 1 to 5 are protected by the overcurrent
double window and overtemperature shutdown circuit.
• The digital diagnosis feature transfers status of the
smart outputs via SPI.
• The analog current sense output (current recopy
feature) can be routed by SPI.
• The SPI reports NM=1 in this mode.
The figure below describes the PWM, outputs and
overcurrent behavior in Normal Mode.
FAIL MODE
The 33480 is in Fail mode when:
• Wake = 1
• Fail = 1.
In Fail mode :
• The outputs are under control of external terminals (see
Table 5)
• The outputs are fully protected in case of overload,
overtemperature and undervoltage (on Vbat or on Vcc).
• Neither digital diagnosis feature (SPI) nor analog
current sense are available.
• Output 2 is configured in Xenon mode.
• In case of overload (OCHI2 or OCLO) conditions or
undervoltage on Vbat, the outputs are under control of
autorestart feature.
• In case of serious overload condition (OCHI1 or OT) the
corresponding output is latched OFF until a new wake
up event (wake=0 then 1).
Table 5. Limp Home Output State
Overcurrent
Output
D0-D6 bits
D7 bit
Overcurrent
OUT[1,2]
IGN (external)
IGN_ON
1.4 sec min
Output 1
Parking Light
Output 2
Low Beam
Output 3
High Beam
Output 4
Fog Light
Output 5
Flasher
External Switch
Spare
IGN Terminal
IGN Terminal
OFF
OFF
FLASHER Terminal
OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com