Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33480 Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part # 33480
Description  Smart Front Corner Light
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33480 Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button 33480 Datasheet HTML 28Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 29Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 30Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 31Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 32Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 33Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 34Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 35Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 39 page
background image
Analog Integrated Circuit Device Data
32
Freescale Semiconductor
33480
TYPICAL APPLICATION
PROTECTION AND DIAGNOSIS FEATURES
TYPICAL APPLICATION
Figure 14 below shows full vehicle light functionality,
including fog lights, battery redundancy concept, light
substitution mode, and Fail mode.
Figure 14. Typical Application
VCC
VBAT
MOSI, MISO, SCLK
VCC
VBAT
CS
CLOCK
RSTB
IGN
CSNS
LIMP
VCC
VBAT
VCC
VBAT
CS
CLOCK
RSTB
IGN
LIMP
Smart Corner
Light Switch
(Front Right)
Smart Corner
Light Switch
(Front Left)
Smart Corner
Light Switch
(Rear Right)
Smart Corner
Light Switch
(Rear Left)
VCC
(5.0 V)
(5.0 V)
WD
Microcontroller
Watchdog
V
Ii i
S
Li h
V
CSNS
FLASHER
FLASHER
STOP
STOP
CS
CLOCK
RSTB
IGN
CSNS
CS
CLOCK
RSTB
IGN
CSNS
LIMP
FLASHER
FLASHER
LIMP
100nF
CP
CP
100nF
100nF
CP
CP
100nF
Fl h
MC33480
MC33480
MC33481
MC33481



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com