Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33480 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # 33480
Description  Smart Front Corner Light
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33480 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button 33480 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
33480
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 3. Static Electrical Characteristics
Characteristics noted under conditions 4.5 V
≤ VCC ≤ 5.5 V, 7.0 V ≤ VBAT ≤ 18 V, -40°C ≤ TA ≤ 125°C, GND = 0 V unless
otherwise noted. Typical values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless
otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER INPUTS (VBAT, VCC)
Battery Supply Voltage Range
Full Performance & Short Circuit
Extended Voltage Range (5)
VBAT
7.0
6.0
–
–
18.0
20.0
V
Battery Supply Undervoltage (UV flag is set ON)
VBATUV
5.0
5.3
6.0
V
Battery Voltage Clamp (OV flaf is set ON)
VBATCLAMP
41.0
47.0
53.0
V
Battery Supply Power on Reset (If Vbat < 5.5V, Vbat = Vcc)
VBATPOR
–
4.2
5.0
V
VBAT Supply Current @ 25°C and VBAT = 12 V and VCC = 5 V
Sleep State Current
Normal Mode, IGN=5V, RSTB=5V, Outputs Open
IBATSLEEP
IBAT
–
–
0.5
10.0
5.0
20.0
µA
mA
Digital Supply Voltage Range, Full Performance
VCC
4.5
–
5.5
V
Digital Supply Undervoltage (VCC Failure)
VCCUV
2.5
3.0
3.5
V
Standby Current Consumption on VCC @ 25°C and VBAT = 12 V
Output OFF
IQCC
–
TBD
5.0
µA
Supply Current Consumption on VCC and VBAT = 12 V
No SPI
3.0 MHz SPI Communication
ICC
–
–
–
–
1.0
5.0
mA
LOGIC INPUT/OUTPUT (IGN, CS, CSNS, SI, SCLK, CLOCK, SO, FLASHER, RSTB, LIMP)
Input High Logic Level (6)
VIH
0.7
–
–
Vcc
Input Low Logic Level (6)
VIL
–
–
0.3
Vcc
Ignition Threshold Level (IGN)
VIGNth
2.0
–
4.0
V
Input Clamp Voltage (IGN)
IIGN < 2.5 mA
VIGNcl
7.0
–
14.0
V
Input Forward Voltage (IGN)
IIGN = -2.5 mA
VIGNfr
-2.0
–
-0.3
V
Input Active Pulldown Current for LIMP, SI, SCLK and CLOCK inputs
IDWN
5.0
–
20.0
µA
Input Active Pullup Current (CS)
IUP
5.0
–
20.0
µA
Input Passive Pulldown Resistance (7)
RDWN
100
200
400
k
Ω
SO High-State Output Voltage
IOH = 1.0 mA
VSOH
0.8
TBD
–
Vcc
SO Low-State Output Voltage
IOL = -1.6 mA
VSOL
–
0.2
0.4
V
Notes
5.
In extended mode, the functionality is guaranteed but not the electrical parameters.
6.
Valid for RSTB, SI, SCLK, CLOCK, FLASHER and LIMP terminals.
7.
Valid for FLASHER, IGN and RSTB terminals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com