Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33480 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # 33480
Description  Smart Front Corner Light
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33480 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  33480 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
Document order number:
MC33480
Rev 2.0, 1/2006
Freescale Semiconductor
Technical Data
© Freescale Semiconductor, Inc., 2005. All rights reserved.
* This document contains information on a product under development.
Freescale reserves the right to change or discontinue this product without notice.
Smart Front Corner Light
Switch (Triple 10 m
Ω and Dual
35 m
Ω)
The 33480 is designed for low-voltage automotive and industrial
lighting applications. Its five low RDS(ON) MOSFETs (three 10 mΩ,
two 35 m
Ω) can control the high sides of five separate resistive loads
(bulbs).
Programming, control, and diagnostics are accomplished using a
16-bit SPI interface. Each output has its own PWM control via SPI.
The 33480 has highly sophisticated failure mode handling to provide
high availability of the outputs. Its multiphase control and output edge
shaping improves electromagnetic compatibility (EMC) behavior.
The 33480 is packaged in a power-enhanced 12 x 12 nonleaded
Power QFN package with exposed tabs.
Features
• Triple 10 m
Ω and Dual 35 mΩ High-Side Switches
• 16-bit SPI Communication Interface with Daisy Chain Capability
• Current Sense Output with SPI-Programmable Multiplex Switch
• Digital Diagnosis Feature
• PWM Module with Multiphase Feature
• Fully Protected Switches
• Overcurrent Shutdown detection
• Power Net and Reverse Polarity Protection
• Low-Power Mode
• Fail Mode Functions including Autorestart feature
• External smart power switch control including current recopy
Figure 1. 33480 Simplified Application DiagraM
HIGH-SIDE SWITCH
PNASUFFIX
98ARL10596D
24-TERMINAL PQFN
33480
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
PC33480PNA/R2
-40°C to 125°C
24 PQFN
Bottom View
33480
GND
CSNS
FETOUT
FETIN
OUT5
OUT4
OUT3
OUT2
OUT1
CP
MCU
LIMP
CS
SO
SI
SCLK
IGN
VBAT
VCC
12 V
5.0 V
12 V
FLASHER
RSTB
CLOCK
Watchdog
Smart
Switch


Similar Part No. - 33480

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
33480 ETC2-33480 Datasheet
261Kb / 1P
Wiha T-handle Hex Tools
logo
HARTING Technology Grou...
33480101804005 HARTING-33480101804005 Datasheet
485Kb / 2P
ix Type A 4x2xAWG26/7 PUR 0.5m
33480101804010 HARTING-33480101804010 Datasheet
484Kb / 2P
ix Type A 4x2xAWG26/7 PUR 1.0m
33480101804020 HARTING-33480101804020 Datasheet
484Kb / 2P
ix Type A 4x2xAWG26/7 PUR 2.0m
33480101804030 HARTING-33480101804030 Datasheet
485Kb / 2P
ix Type A 4x2xAWG26/7 PUR 3.0m
More results

Similar Description - 33480

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPDB50PH60 FAIRCHILD-FPDB50PH60 Datasheet
225Kb / 12P
Smart Power Module for Front-End Rectifier
FPDB30PH60 FAIRCHILD-FPDB30PH60 Datasheet
225Kb / 12P
Smart Power Module for Front-End Rectifier
FPDB20PH60 FAIRCHILD-FPDB20PH60 Datasheet
228Kb / 12P
Smart Power Module for Front-End Rectifier
FPDB40PH60B FAIRCHILD-FPDB40PH60B Datasheet
245Kb / 12P
Smart Power Module for Front-End Rectifier
logo
Freescale Semiconductor...
10XS3535 FREESCALE-10XS3535 Datasheet
1Mb / 43P
Smart Front Corner Light Switch (Triple 10 m廓 and Dual 35 m廓)
35XS3500 FREESCALE-35XS3500 Datasheet
1Mb / 41P
Smart Rear Corner Light Switch (Penta 35 m廓)
MC10XS3535 FREESCALE-MC10XS3535 Datasheet
1Mb / 45P
Smart Front Corner Light Switch
35XS3500 FREESCALE-35XS3500_V12 Datasheet
1Mb / 47P
Smart Rear Corner Light Switch(penta 35 mOhm)
logo
Skyworks Solutions Inc.
SE2438T SKYWORKS-SE2438T Datasheet
1Mb / 13P
Smart Energy Front-End Module
logo
NXP Semiconductors
MC35XS3500 NXP-MC35XS3500 Datasheet
2Mb / 45P
Smart Rear Corner Light Switch (Penta 35 mOhm)
Rev. 8.0, 8/2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com