Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33480 Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # 33480
Description  Smart Front Corner Light
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33480 Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button 33480 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
Analog Integrated Circuit Device Data
12
Freescale Semiconductor
33480
DYNAMIC ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
Table 4. Dynamic Electrical Characteristics
Characteristics noted under conditions 4.5 V
≤ VCC ≤ 5.5 V, 7.0 V ≤ VBAT ≤ 18 V, -40°C ≤ TA ≤ 125°C, GND = 0 V unless
otherwise noted. Typical values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless
otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER OUTPUTS TIMING (OUT1 to OUT5)
Current Sense rising and falling Settling Time on resistive load only (Maximum
Value, 5%)
tR5 / tF5
–
2
10
µs
Current Sense rising and falling Settling Time on resistive load only (Maximum
Value, 1%)
tR1 / tR5
–
TBD
TBD
µs
Driver Output Positive Slew Rate (30% to 70% @ VBAT = 14 V)
IOUT = 2.8 A for OUT1 and OUT5
IOUT = 5.5 A for OUT2, OUT3, and OUT4
SRR
0.2
0.2
0.4
0.4
0.8
0.8
V/
µs
Driver Output Negative Slew Rate (70% to 30% @ VBAT = 14 V)
IOUT = 2.8 A for OUT1 and OUT5
IOUT = 5.5 A for OUT2, OUT3, and OUT4
SRF
0.2
0.2
0.4
0.4
0.8
0.8
V/
µs
Driver Output Matching Slew Rate (SRR /SRF) (70% to 30% @ VBAT = 14 V
@25°C)
IOUT = 2.8 A for OUT1 and OUT5
IOUT = 5.5 A for OUT2, OUT3, and OUT4
∆SR
0.8
0.8
1.0
1.0
1.2
1.2
Driver Output Turn-ON Delay (SPI ON Command [No PWM, CS Positive Edge]
to Output = 50% VBAT @ VBAT = 14 V) (
IOUT = 2.8 A for OUT1 and OUT5
IOUT = 5.5 A for OUT2, OUT3, and OUT4
tDLYON
40
40
80
80
160 (TBC)
160 (TBC)
µs
Driver Output Turn-OFF Delay (SPI OFF command [CS Positive Edge] to
Output = 50% VBAT @ VBAT = 14 V) (see Figure4, p14)
IOUT = 2.8 A for OUT1 and OUT5
IOUT = 5.5 A for OUT2, OUT3, and OUT4
tDLYOFF
40
40
80
80
160 (TBC)
160 (TBC)
µs
Driver Output Matching Time (
tDLY(ON) - tDLY(OFF)) @ Output = 50% VBAT with
VBAT = 14 V, fPWM = 240 Hz, δPWM = 50%, @25°C
IOUT = 2.8 A for OUT1 and OUT5
IOUT = 5.5 A for OUT2, OUT3, and OUT4
∆tRF
-25
-25
0
0
25
25
µs
PWM MODULE
PWM Frequency Range
fPWM
60.0
–
240.0
Hz
Clock Input Frequency Range
fCLK
7.68
–
30.72
kHz
Output PWM Duty Cycle maximum range for 11V<Vbat<18V (35)
PWM_MAX
4.0
–
96.0
%
Output PWM Duty Cycle linear range for 11V<Vbat<18V (36)
PWM_LIN
6.2 (TBC)
–
96.0 (TBC)
%
WATCHDOG TIMING
Watchdog Timeout (SPI Failure)
tWDTO
50
75
100
ms
I/O PLAUSIBILITY CHECK TIMING
Fault Shutdown Delay Time (from Overtemperature or OCHI1 or OCHI2 or
OCLO Fault Detection to Output = 50%VBAT without round shaping feature
for turn off)
tSD
–
7
30
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com