Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33480 Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # 33480
Description  Smart Front Corner Light
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33480 Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button 33480 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 25Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 26Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 27Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 28Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 29Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 30Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 31Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 39 page
background image
Analog Integrated Circuit Device Data
28
Freescale Semiconductor
33480
FUNCTIONAL DESCRIPTION
PROTECTION AND DIAGNOSIS FEATURES
FUNCTIONAL DESCRIPTION
SERIAL INPUT COMMUNICATION
SPI communication is accomplished using 16-bit
messages. A message is transmitted by the master starting
with the MSB, D15, and ending with the LSB, D0. Each
incoming command message on the SI terminal can be
interpreted using the bit assignment described in Table 7.
The 5 bits D15:D11, called register address bits, are used to
select the command register. Bit D10 is the watchdog bit. The
remaining 10 bits, D9:D0, are used to configure and control
the output and its protection features. Multiple messages can
be transmitted in succession to accommodate those
applications where daisy chaining is desirable or to confirm
transmitted data as long as the messages are all multiples of
16 bits. Any attempt made to latch in a message that is not
16 bits will be ignored.
All SPI registers are reset (all bit equal 0) in case of RSTB
equal 0 or fail mode (Fail=1).
DEVICE REGISTER ADDRESSING
The register addresses (D15:D11) and the impact of the
serial input registers on device operation are described in this
section. Table 8 summarizes the SI registers.
Note: testmode address used only by FSL is
D[15:11]=01111 with RSTB voltage higher than 8V typ.
ADDRESS 00000—INITIALIZATION
The Initialization register is used to read the various
statuses, choose one of the six outputs current recopy, load
the H7 bulbs profile for OUT2 only, and synchronize the
switching phases between different corner light devices. The
register bits D1 and D0 determine the content of the 16 bits
of the next SO data. (Refer to the section entitled Serial
Output Communication (Device Status Return Data)
beginning on page 30.) Table 9 describes the register of
initialization.
Table 7. SI Message Bit Assignment
Bit Sig
SI Msg Bit
Message Bit Description
MSB
D15:D11
Register address bits.
D10
Watchdog in: toggled to satisfy watchdog
requirements.
LSB
D9:D0
Used to configure inputs, outputs, device
protection features, and SO status content.
Table 8. Serial Input Address and Configuration Bit Map
SI Register
SI Address
SI Data
D15 D14 D13 D12 D11 D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Initialization
0
0
0
0
0
WD
0
0
0
PWM
sync
Xenon
MUX2
MUX1
MUX0
SOA1
SOA0
Config OL
0
0
0
0
1
WD
0
0
0
0
0
OLLED5 OLLED4 OLLED3 OLLED2 OLLED1
Unused
0
0
0
1
0
WD
0
0
0
0
0
0
0
0
0
0
Unused
0
0
0
1
1
WD
0
0
0
0
0
0
0
0
0
0
Control
OUT1
0
1
0
0
1
WD Phase2 Phase1 ONoff
PWM6 PWM5
PWM4
PWM3
PWM2
PWM1
PWM0
Control
OUT2
0
1
0
1
0
WD Phase2 Phase1 ONoff
PWM6 PWM5
PWM4
PWM3
PWM2
PWM1
PWM0
Control
OUT3
0
1
0
1
1
WD Phase2 Phase1 ONoff
PWM6 PWM5
PWM4
PWM3
PWM2
PWM1
PWM0
Control
OUT4
0
1
1
0
0
WD Phase2 Phase1 ONoff
PWM6 PWM5
PWM4
PWM3
PWM2
PWM1
PWM0
Control
OUT5
0
1
1
0
1
WD Phase2 Phase1 ONoff
PWM6 PWM5
PWM4
PWM3
PWM2
PWM1
PWM0
Control
External
Switch
0
1
1
1
0
WD Phase2 Phase1 ONoff
PWM6 PWM5
PWM4
PWM3
PWM2
PWM1
PWM0
RESET
X
X
X
X
X
0
0
0
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com