Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33480 Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # 33480
Description  Smart Front Corner Light
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33480 Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button 33480 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 25Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 26Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
23
33480
PROTECTION AND DIAGNOSIS FEATURES
PROTECTION AND DIAGNOSIS FEATURES
Output Protection Features
The 33480 provides the following protection features:
• Protection against transients on VBAT supply line (per
ISO 7637)
• Active clamp, including protection against negative
transients on output line
• Overtemperature
• Severe and resistive Overcurrent
• Open Load during ON state
These protections are provided for each output (OUT1:5).
Overtemperature detection
The 33480 provides overtemperature shutdown for each
output (OUT1:OUT5). It can occur when the output terminal
is in the ON or OFF state. An overtemperature fault condition
results in turning OFF the corresponding output. The fault is
latched and reported via SPI. To delatch the fault and be able
to turn ON again the outputs, the failure condition must be
removed (T< 175°C typically) and:
• if the device was in Normal Mode, the output
corresponding register (bit D7) must be rewritten.
Application of complete OCHI window (OCHI1+OCHI2
during t2) depends on toggling or not toggling D7 bit.
• if the device was in Fail Mode, the corresponding output
is locked until restart of the device: wake up from Sleep
Mode or VBATPOR.
The SPI fault report (OTS bit) is removed after a read
operation.
Overcurrent detections
The 33480 provides intelligent overcurrent shutdown (see
Figure 10) in order to protect the internal power transistors
and the harness in the event of overload (fuse characteristic).
Figure 10. Double overcurrent window in Normal Mode
OCHI (IOCHI1 and then IOCHI2) is only activated after
toggling D7 bit in Normal Mode. In Fail Mode, the control of
OCHI window is provided by the toggles: IGN_ON,
Flasher_ON. The current thresholds (IOCHI1 , IOCHI2 and
IOCLO) and the time (t1 and t2) are fixed numbers for each
driver. After t2, OCLO current threshold is set to protect in
steady state.
OUT2 is default loaded with the Xenon profile. The use of
H7 bulbs at this output requires SPI programming (Xenon
bit).
In case of overload (OCHI1 or OCHI2 or OCLO detection),
the corresponding output is disabled immediately. The fault is
latched and the status is reported via SPI. To delatch the
fault, the failure condition must be removed and:
For OCHI1:
• if the device was in Normal Mode: the output
corresponding register (bit D7) must be rewritten D7=1.
Application of complete OCHI window depends on
toggling or not toggling D7 bit.
• if the device was in Fail Mode, the failure is locked until
restart of the device: wake up from Sleep Mode or
VBATPOR.
For OCHI2 and OCLO:
• if the device was in Normal Mode: the output
corresponding register (bit D7) must be rewritten D7=1.
Application of complete OCHI window depends on
toggling or not toggling D7 bit.
• if the device was in Fail Mode, Autorestart is activated.
The device Autorestart feature provides a fixed duty
cycle and fixed period with OCHI1 window.
Autorestart feature resets OCHI2 or OCLO fault after
corresponding Autorestart period.
The SPI fault reports are removed after a read operation:
- OC bit=(OCHI1) or (OCHI2) fault
- OVL bit=(OCHI1) or (OCHI2) or (OCLO) fault
Overvoltage detection and active clamp
The 33480 provides an active gate clamp circuit in order to
limit the maximum drain to source voltage.
In case of overload on an output the corresponding switch
(OUT[1 to 5]) is turned off which leads to high voltage at Vbat
with an inductive Vbat line. When Vbat voltage exceeds
VBAT_CLAMP threshold, the fast turn-off on the
corresponding output is deactivated and the drain to source
voltage is limited by the active clamp circuit (VCLAMP_DS).
OCHI1
OCHI2
OCLO
Output current
time
t1
t2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com