Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33480 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # 33480
Description  Smart Front Corner Light
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33480 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button 33480 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33480 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
13
33480
DYNAMIC ELECTRICAL CHARACTERISTICS
I/O PLAUSIBILITY CHECK TIMING (CONTINUED)
High Overcurrent Threshold Time 1
for OUT1 and OUT5
for OUT2:4
tOUT1
tOUT2
7
14
10
20
13
26
ms
High Overcurrent Threshold Time 2
for OUT1 and OUT5
for OUT2:4
tOUT1
tOUT2
52.5
105
75
150
97.5
195
ms
Autorestart Period
for OUT1 and OUT5
for OUT2
tAUTORST-T1
tAUTORST-T2
52.5
105
75
150
97.5
195
ms
Autorestart Overcurrent Shutdown Delay Time
for OUT1 and OUT5
for OUT2
tOCHIARS
tOCHIARS
3.5
7.0
5.0
10.0
6.5
13.0
ms
Limp Home Input pin Deglicher Time
tLIMP
7.0
10.0
13.0
ms
Cyclic Open Load Detection Timing with LED (37)
tOLLED
105
150
195
ms
Flasher Toggle Timeout
tFLASHER
1.4
TBD
TBD
s
Ignition Toggle Timeout
tIGNITION
1.4
TBD
TBD
s
Clock Input Low Frequency Detection Range
fLCLK det
1.0
2.0
4.0
kHz
Clock Input High Frequency Detection Range
fHCLK det
100
200
400
kHz
Notes
35.
The PWM ratio is measured at Vout = 50% of VBAT in nominal range of PWM frequency (from 60Hz to 200Hz). It is possible to put the
device fully on (PWM duty cycle = 100%) and fully off (PWM duty cycle = 0%). Between 4%-96%, OCHI1,2, OCLO and open load are
available in ON state.See Figure 4, Input Timing Switching Characteristics
36.
Linear range is defined by output duty cycle to SPI duty cycle configuration +/-1 LSB. For values outside linear duty cycle range, a
calibration curve is available.
37.
IOLLEDn bit (where “n” corresponds to respective outputs 1 through 5) in SI data is set to logic [1]. Refer to Table 8, Serial Input Address
and Configuration Bit Map, page 28.
Table 4. Dynamic Electrical Characteristics
Characteristics noted under conditions 4.5 V
≤ VCC ≤ 5.5 V, 7.0 V ≤ VBAT ≤ 18 V, -40°C ≤ TA ≤ 125°C, GND = 0 V unless
otherwise noted. Typical values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless
otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com